Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 95 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 91Page - Maxim Integrated Products 71M6543F Datasheet HTML 92Page - Maxim Integrated Products 71M6543F Datasheet HTML 93Page - Maxim Integrated Products 71M6543F Datasheet HTML 94Page - Maxim Integrated Products 71M6543F Datasheet HTML 95Page - Maxim Integrated Products 71M6543F Datasheet HTML 96Page - Maxim Integrated Products 71M6543F Datasheet HTML 97Page - Maxim Integrated Products 71M6543F Datasheet HTML 98Page - Maxim Integrated Products 71M6543F Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
95
for UART1. The OPT_TX pin becomes active when the control field OPT_TXE (I/O RAM 0x2456[3:2]) is
set to 00.
The polarity of the OPT_TX and OPT_RX pins can be inverted with the configuration bits, OPT_TXINV
(I/O RAM 0x2456[0]) and OPT_RXINV (I/O RAM 0x2457[1]), respectively.
The OPT_TX output may be modulated at 38 kHz when system power is present. Modulation is not
available in BRN mode. The OPT_TXMOD bit (I/O RAM 0x2456[1]) enables modulation. The duty cycle is
controlled by OPT_FDC[1:0] (I/O RAM 0x2457[5:4]), which can select 50%, 25%, 12.5%, and 6.25% duty
cycle. A 6.25% duty cycle means OPT_TX is low for 6.25% of the period. The OPT_RX pin uses digital
signal thresholds. It may need an analog filter when receiving modulated optical signals.
With modulation, an optical emitter can be operated at higher current than nominal, enabling it to
increase the distance along the optical path.
If operation in BRN mode is desired, the external components should be connected to V3P3D. However,
it is recommended to limit the current to a few mA.
Figure 35: Connection for Optical Components
4.10
Connecting the Reset Pin
Even though a functional meter does not necessarily need a reset switch, it is useful to have a reset
pushbutton for prototyping as shown in Figure 36, left side. The RESET signal may be sourced from
V3P3SYS (functional in MSN mode only), V3P3D (MSN and BRN modes), or VBAT (all modes, if a battery is
present), or from a combination of these sources, depending on the application.
For a production meter, the RESET pin should be protected by the by the external components
shown in Figure 36, right side. R1 should be in the range of 100
Ω and mounted as closely as possible
to the IC.
Since the 71M6543 generates its own power-on reset, a reset button or circuitry, as shown in Figure 36, is
only required for test units and prototypes.
OPT_TX
R
2
R
1
OPT_RX
71M6543
V3P3SYS
Phototransistor
LED
10 k
Ω
100 pF
V3P3SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com