Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 5 Page - Maxim Integrated Products

  71M6543F Datasheet HTML 1Page - Maxim Integrated Products 71M6543F Datasheet HTML 2Page - Maxim Integrated Products 71M6543F Datasheet HTML 3Page - Maxim Integrated Products 71M6543F Datasheet HTML 4Page - Maxim Integrated Products 71M6543F Datasheet HTML 5Page - Maxim Integrated Products 71M6543F Datasheet HTML 6Page - Maxim Integrated Products 71M6543F Datasheet HTML 7Page - Maxim Integrated Products 71M6543F Datasheet HTML 8Page - Maxim Integrated Products 71M6543F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
5
Figures
Figure 1: IC Functional Block Diagram..................................................................................................... 9
Figure 2: AFE Block Diagram (Shunts: One-Local, Three-Remotes) ...................................................... 12
Figure 3. AFE Block Diagram (Four CTs)............................................................................................... 13
Figure 4: States in a Multiplexer Frame (MUX_DIV[3:0] = 6) .................................................................. 17
Figure 5: States in a Multiplexer Frame (MUX_DIV[3:0] = 7) .................................................................. 17
Figure 6: General Topology of a Chopped Amplifier............................................................................... 21
Figure 7: CROSS Signal with CHOP_E = 00........................................................................................... 21
Figure 8: RTM Timing ............................................................................................................................ 26
Figure 9. Pulse Generator FIFO Timing ................................................................................................. 28
Figure 10: Samples from Multiplexer Cycle (Frame)............................................................................... 29
Figure 11: Accumulation Interval............................................................................................................ 29
Figure 12: Interrupt Structure................................................................................................................. 46
Figure 13: Automatic Temperature Compensation ................................................................................. 54
Figure 14: Optical Interface.................................................................................................................... 58
Figure 15: Optical Interface (UART1) ..................................................................................................... 58
Figure 16: Connecting an External Load to DIO Pins ............................................................................. 60
Figure 17: LCD Waveforms ................................................................................................................... 65
Figure 18: 3-wire Interface. Write Command, HiZ=0.............................................................................. 67
Figure 19: 3-wire Interface. Write Command, HiZ=1.............................................................................. 68
Figure 20: 3-wire Interface. Read Command......................................................................................... 68
Figure 21: 3-Wire Interface. Write Command when CNT=0................................................................... 68
Figure 22: 3-wire Interface. Write Command when HiZ=1 and WFR=1. ................................................. 68
Figure 23: SPI Slave Port - Typical Multi-Byte Read and Write operations.............................................. 70
Figure 24: Voltage, Current, Momentary and Accumulated Energy......................................................... 75
Figure 25: Operation Modes State Diagram ........................................................................................... 76
Figure 26: MPU/CE Data Flow............................................................................................................... 85
Figure 27: Resistive Voltage Divider (Voltage Sensing).......................................................................... 86
Figure 28. CT with Single-Ended Input Connection (Current Sensing).................................................... 86
Figure 29: CT with Differential Input Connection (Current Sensing) ........................................................ 86
Figure 30: Differential Resistive Shunt Connections (Current Sensing)................................................... 86
Figure 31: System Using Three-Remotes and One-Local (Neutral) Sensor ............................................ 87
Figure 32. System Using Current Transformers ..................................................................................... 88
Figure 33: I
2C EEPROM Connection...................................................................................................... 94
Figure 34: Connections for UART0 ........................................................................................................ 94
Figure 35: Connection for Optical Components...................................................................................... 95
Figure 36: External Components for the RESET Pin: Push-Button (Left), Production Circuit (Right) ....... 96
Figure 37: External Components for the Emulator Interface ................................................................... 96
Figure 38. Trim Fuse Bit Mapping ........................................................................................................ 118
Figure 39: CE Data Flow: Multiplexer and ADC.................................................................................... 131
Figure 40: CE Data Flow: Scaling, Gain Control, Intermediate Variables for one Phase........................ 131
Figure 41: CE Data Flow: Squaring and Summation Stages................................................................. 132
Figure 42: Wh Error from 200 A to 0.1 A at 60 Hz, 240 VAC ......................Error! Bookmark not defined.
Figure 43: VARh Error from 200 A to 0.1 A at 60 Hz, 240 VAC...................Error! Bookmark not defined.
Figure 44: Wh Error from 200 A to 0.1 A at Various Frequencies (0° Load angle, 240 VAC)............. Error!
Bookmark not defined.
Figure 45: 100-pin LQFP Package Outline........................................................................................... 148
Figure 46: Pinout for the LQFP-100 Package....................................................................................... 149
Figure 47: I/O Equivalent Circuits......................................................................................................... 154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com