Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 34Page - Maxim Integrated Products 71M6543F Datasheet HTML 35Page - Maxim Integrated Products 71M6543F Datasheet HTML 36Page - Maxim Integrated Products 71M6543F Datasheet HTML 37Page - Maxim Integrated Products 71M6543F Datasheet HTML 38Page - Maxim Integrated Products 71M6543F Datasheet HTML 39Page - Maxim Integrated Products 71M6543F Datasheet HTML 40Page - Maxim Integrated Products 71M6543F Datasheet HTML 41Page - Maxim Integrated Products 71M6543F Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
38
© 2008–2011 Teridian Semiconductor Corporation
v1.2
Bit
Symbol
Function
S0CON[3]
TB80
The 9th transmitted data bit in Modes 2 and 3. Set or cleared by the MPU,
depending on the function it performs (parity check, multiprocessor
communication etc.)
S0CON[2]
RB80
In Modes 2 and 3 it is the 9
th data bit received. In Mode 1, SM20 is 0, RB80 is the
stop bit. In mode 0, this bit is not used. Must be cleared by software.
S0CON[1]
TI0
Transmit interrupt flag; set by hardware after completion of a serial transfer. Must
be cleared by software (see Caution above).
S0CON[0]
RI0
Receive interrupt flag; set by hardware after completion of a serial reception. Must
be cleared by software (see Caution above).
Table 20: The S1CON (UART1) Register (SFR 0x9B)
Bit
Symbol
Function
S1CON[7]
SM
Sets the baud rate and mode for UART1.
SM
Mode
Description
Baud Rate
0
A
9-bit UART
variable
1
B
8-bit UART
variable
S1CON[5]
SM21
Enables the inter-processor communication feature.
S1CON[4]
REN1
If set, enables serial reception. Cleared by software to disable reception.
S1CON[3]
TB81
The 9
th transmitted data bit in Mode A. Set or cleared by the MPU, depending
on the function it performs (parity check, multiprocessor communication etc.)
S1CON[2]
RB81
In Modes A and B, it is the 9
th data bit received. In Mode B, if SM21 is 0, RB81 is
the stop bit. Must be cleared by software
S1CON[1]
TI1
Transmit interrupt flag, set by hardware after completion of a serial transfer. Must
be cleared by software (see Caution above).
S1CON[0]
RI1
Receive interrupt flag, set by hardware after completion of a serial reception. Must
be cleared by software (see Caution above).
Table 21: PCON Register Bit Description (SFR 0x87)
Bit
Symbol
Function
PCON[7]
SMOD
The SMOD bit doubles the baud rate when set
2.4.7
Timers and Counters
The 80515 has two 16-bit timer/counter registers: Timer 0 and Timer 1. These registers can be configured
for counter or timer operations.
In timer mode, the register is incremented every machine cycle, i.e. it counts up once for every 12 periods of
the MPU clock. In counter mode, the register is incremented when the falling edge is observed at the
corresponding input signal T0 or T1 (T0 and T1 are the timer gating inputs derived from certain DIO pins, see
2.5.10 Digital I/O). Since it takes 2 machine cycles to recognize a 1-to-0 event, the maximum input count rate
is 1/2 of the clock frequency (CKMPU). There are no restrictions on the duty cycle, however to ensure proper
recognition of the 0 or 1 state, an input should be stable for at least 1 machine cycle.
Four operating modes can be selected for Timer 0 and Timer 1, as shown in Table 22 and Table 23. The
TMOD (SFR 0x89) register, shown in
Table 24, is used to select the appropriate mode. The timer/counter operation is controlled by the TCON
(SFR 0x88) register, which is shown in Table 25. Bits TR1 (TCON[6]) and TR0 (TCON[4]) in the TCON
register start their associated timers when set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com