Electronic Components Datasheet Search
  English  ▼

X  

71M6543F Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # 71M6543F
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543F Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button 71M6543F Datasheet HTML 35Page - Maxim Integrated Products 71M6543F Datasheet HTML 36Page - Maxim Integrated Products 71M6543F Datasheet HTML 37Page - Maxim Integrated Products 71M6543F Datasheet HTML 38Page - Maxim Integrated Products 71M6543F Datasheet HTML 39Page - Maxim Integrated Products 71M6543F Datasheet HTML 40Page - Maxim Integrated Products 71M6543F Datasheet HTML 41Page - Maxim Integrated Products 71M6543F Datasheet HTML 42Page - Maxim Integrated Products 71M6543F Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
39
Table 22: Timers/Counters Mode Description
M1
M0
Mode
Function
0
0
Mode 0
13-bit Counter/Timer mode with 5 lower bits in the TL0 or TL1 (SFR
0x8A or SFR 0x8B) register and the remaining 8 bits in the TH0 or TH1
(SFR 0x8C or SFR 0x8D) register (for Timer 0 and Timer 1, respectively).
The 3 high order bits of TL0 and TL1 are held at zero.
0
1
Mode 1
16-bit Counter/Timer mode.
1
0
Mode 2
8-bit auto-reload Counter/Timer. The reload value is kept in TH0 or
TH1, while TL0 or TL1 is incremented every machine cycle. When
TL(x) overflows, a value from TH(x) is copied to TL(x) (where x is 0 for
counter/timer 0 or 1 for counter/timer 1.
1
1
Mode 3
If Timer 1 M1 and M0 bits are set to 1, Timer 1 stops.
If Timer 0 M1 and M0 bits are set to 1, Timer 0 acts as two independent
8-bit Timer/Counters.
In Mode 3, TL0 is affected by TR0 and gate control bits, and sets the TF0 flag on overflow, while TH0
is affected by the TR1 bit, and the TF1 flag is set on overflow.
Table 23 specifies the combinations of operation modes allowed for Timer 0 and Timer 1.
Table 23: Allowed Timer/Counter Mode Combinations
Timer 1
Mode 0
Mode 1
Mode 2
Timer 0 - mode 0
Yes
Yes
Yes
Timer 0 - mode 1
Yes
Yes
Yes
Timer 0 - mode 2
Not allowed
Not allowed
Yes
Table 24: TMOD Register Bit Description (SFR 0x89)
Bit
Symbol
Function
Timer/Counter 1:
TMOD[7]
Gate
If TMOD[7] is set, external input signal control is enabled for Counter 1. The
TR0 bit in the TCON register (SFR 0x88) must also be set in order for Counter 0
to increment. With these settings, Counter 0 increments on every falling
edge of the logic signal applied to one or more of the SEGDIO2-11 pins, as
specified by the contents of the DIO_R2 through DIO_R11 registers. See
2.5.10 Digital I/O and LCD Segment Drivers and Table 47.
TMOD[6]
C/T
Selects timer or counter operation. When set to 1, a counter operation is
performed. When cleared to 0, the corresponding register functions as a timer.
TMOD[5:4]
M1:M0
Selects the mode for Timer/Counter 0 as shown in Table 22.
Timer/Counter 0
TMOD[3]
Gate
If TMOD[3] is set, external input signal control is enabled for Counter 0. The
TR1 bit in the TCON register (SFR 0x88) must also be set in order for Counter 1
to increment. With these settings, Counter 1 increments on every falling
edge of the logic signal applied to one or more of the SEGDIO2-11 pins, as
specified by the contents of the DIO_R2 through DIO_R11 registers. See
2.5.10 Digital I/O and LCD Segment Drivers and Table 47.
TMOD[2]
C/T
Selects timer or counter operation. When set to 1, a counter operation is
performed. When cleared to 0, the corresponding register functions as a
timer.
TMOD[1:0]
M1:M0
Selects the mode for Timer/Counter 1, as shown in Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com