Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTM7745G Datasheet HTML 1Page - Infineon Technologies AG BTM7745G Datasheet HTML 2Page - Infineon Technologies AG BTM7745G Datasheet HTML 3Page - Infineon Technologies AG BTM7745G Datasheet HTML 4Page - Infineon Technologies AG BTM7745G Datasheet HTML 5Page - Infineon Technologies AG BTM7745G Datasheet HTML 6Page - Infineon Technologies AG BTM7745G Datasheet HTML 7Page - Infineon Technologies AG BTM7745G Datasheet HTML 8Page - Infineon Technologies AG BTM7745G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PG-DSO-36-29
Type
Package
Marking
BTM7745G
PG-DSO-36-29
BTM7745G
Data Sheet
3
Rev. 1.0, 2010-05-28
High Current H-Bridge
Trilith IC 3G
BTM7745G
1Overview
Features
•
Integrated high current H-Bridge
•
Path resistance of max. 500 m
Ω @ 150 °C (typ. 250 mΩ @ 25 °C)
•
Low quiescent current of typ. 5µA @ 25
°C
•
Current limitation level of 12 A typ. (6 A min.)
•
Driver circuit with logic inputs
•
Status flag diagnosis
•
Overtemperature shut down with latch behaviour
•
Overvoltage lock out
•
Undervoltage shut down
•
Switch-mode current limitation for reduced power dissipation in overcurrent situation
•
Integrated dead time generation
•
Operation up to 28V
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The BTM7745G is a fully integrated high current H-bridge for motor drive applications. It contains two p-channel
highside MOSFETs and two n-channel lowside MOSFETs with an integrated driver IC in one package. Due to the
p-channel highside switches the need for a charge pump is eliminated thus minimizing EMI. Interfacing to a
microcontroller is made easy by the integrated driver IC which features logic level inputs, diagnosis,dead time
generation and protection against overtemperature, overvoltage, undervoltage, overcurrent and short circuit.
The BTM7745G provides an optimized solution for protected high current motor drives with very low board space
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com