Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 14Page - Infineon Technologies AG BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG BTM7745G Datasheet HTML 18Page - Infineon Technologies AG BTM7745G Datasheet HTML 19Page - Infineon Technologies AG BTM7745G Datasheet HTML 20Page - Infineon Technologies AG BTM7745G Datasheet HTML 21Page - Infineon Technologies AG BTM7745G Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
18
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.4.4
Device State
Inputs
Outputs
Mode
INH IN1
IN2
HS1 LS1 HS2 LS2 ST
Normal operation
0
0
0
OFF OFF OFF OFF 1
Stand-by mode, reset
1
0
0
OFF ON
OFF ON
1
–
1
0
1
OFF ON
ON
OFF 1
–
1
1
0
ON
OFF OFF ON
1
–
1
1
1
ON
OFF ON
OFF 1
–
Open-Load detection
mode
0
0
1
OFF OFF ON
OFF 1
Enable Open-load detection
0
1
0
ON
OFF OFF OFF 1
Enable Open-load detection
0
1
1
ON
OFF ON
OFF 1
Over-voltage (OV)
X
X
X
ON
OFF ON
OFF 0
Shut-down of LSS,
HSS activated, error detected
Under-voltage (UV)
X
X
X
OFF OFF OFF OFF 1
UV lockout, reset
Overtemperature or
short circuit of HSS or
1) In short circuit of HSS or LSS, the junction temperature will arise and as soon as the over temperature shut down threshold
is reached the device will shut down and latch the status. Short circuit of HSS and LSS itself won’t be detected as failure.
LSS 1)
0
0
0
OFF OFF OFF OFF 1
Stand-by mode, reset of latch
1
X
X
OFF OFF OFF OFF 0
Shut-down with latch, error
detected
X
1
X
X
X
1
Current limitation
mode half bridge 1
1
0
X
ON
OFF X
X
0
Short Circuit in LS1 detected,
half bridge 2 operates in normal
mode
1
1
X
OFF ON
X
X
0
Short Circuit in HS1 detected,
half bridge 2 operates in normal
mode
0
1
X
OFF OFF X
X
0
Short Circuit in HS1 detected
Current limitation
mode half bridge 2
1
X
0
X
X
ON
OFF 0
Short Circuit in LS2 detected,
half bridge 1 operates in normal
mode
1
X
1
X
X
OFF ON
0
Short Circuit in HS2 detected,
half bridge 1 operates in normal
mode
0
X
1
X
X
OFF OFF 0
Short Circuit in HS2 detected
Truth Table
Inputs:
Switches
Status Flag ST:
0 = Logic LOW
OFF = switched off
0 = Logic LOW (error)
1 = Logic HIGH
ON = switched on
1 = Logic HIGH (normal operation)
X = 0 or 1
X = switched on or off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com