Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 12Page - Infineon Technologies AG BTM7745G Datasheet HTML 13Page - Infineon Technologies AG BTM7745G Datasheet HTML 14Page - Infineon Technologies AG BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG BTM7745G Datasheet HTML 18Page - Infineon Technologies AG BTM7745G Datasheet HTML 19Page - Infineon Technologies AG BTM7745G Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
16
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.3.5
Short Circuit Protection
The device provides embedded protection functions against
•
output short circuit to ground
•
output short circuit to supply voltage
•
short circuit of load
The short circuit protection is realized by the previously described current limitation in combination with the over-
temperature shut down (see Chapter 6.3.3) of the device.
6.3.6
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Over Voltage Lock Out
Switch-ON voltage
VOV(ON)
27.8
–
–
V
Vs decreasing
Switch-OFF voltage
VOV(OFF)
28
–
30
V
Vs increasing
ON/OFF hysteresis
VOV(HY)
–
0.2
–
V
1) Not subject to production test, specified by design.
1)
Under Voltage Shut Down
Switch-ON voltage
VUV(ON)
–
–
5.5
V
VS increasing
Switch-OFF voltage
VUV(OFF)
4.0
–
5.4
V
VS decreasing
ON/OFF hysteresis
VUV(HY)
–
0.2
–
V
1)
Thermal Shut Down
Thermal shut down junction
temperature
TjSD
155
175
200
°C
1); V
S ≤ 18 V
Thermal switch on junction
temperature
TjSO
153
–
190
°C
1)
Thermal hysteresis
ΔT
–
7
–
°C
1)
Reset pulse at INH and IN pin
(INH, IN1 and IN2 low)
treset
8
–
–
µs
1)
Current Limitation
Current limitation detection
level high side
ICLH0
6
12
16
A
VS = 13.5 V
Current limitation detection
level low side
ICLL0
6
12
16
A
VS = 13.5 V
Shut off time for HS and LS
tCLS
50
100
200
µs
VS = 13.5 V, Tj = 25 °C
Electrical Characteristics - Protection Functions
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, VS pins shorted, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
6.3.1
6.3.2
6.3.3
6.3.4
6.3.5
6.3.6
6.3.7
6.3.8
6.3.9
6.3.10
6.3.11
6.3.12
6.3.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com