Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 10Page - Infineon Technologies AG BTM7745G Datasheet HTML 11Page - Infineon Technologies AG BTM7745G Datasheet HTML 12Page - Infineon Technologies AG BTM7745G Datasheet HTML 13Page - Infineon Technologies AG BTM7745G Datasheet HTML 14Page - Infineon Technologies AG BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG BTM7745G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
14
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.3.2
Undervoltage Shut Down
To avoid uncontrolled motion of the driven motor at low voltages the device shuts off (both outputs are tri-state),
if the supply voltage
V
S drops below the switch-off voltage VUV(OFF). In this case all latches will be reset. The IC
becomes active again with a hysteresis
V
UV(HY) if the supply voltage rises above the switch-on voltage VUV(ON).
6.3.3
Overtemperature Protection
The BTM7745G is protected against overtemperature by integrated temperature sensors. Each half bridge, which
consists of one high side and one low side switch, is protected by one temperature sensor located in the high side
switch. Both temperature sensors function independently. A detection of overtemperature through temperature
sensor leads to a shut down of both switches in the half bridge. This state is latched until the device is reset by a
low signal with a minimum length of treset simultaneously at the INH pin and both IN pins, provided that its
temperature has decreased at least the thermal hysteresis
ΔT in the meantime.
Overtemperature protection is available up to supply voltage
V
S = 18V.
For sufficient over temperature protection please consider also operation below the limitations outlined in Figure
4 and Figure 5.
Repetitive use of the overtemperature protection might reduce lifetime.
6.3.4
Current Limitation
The current in the bridge is measured in all four switches. As soon as the current in forward direction in one switch
is reaching the limit ICLx, this switch is deactivated for tCLS. In case of INH = 5V (high) the other switch of the same
half bridge is activated for the same time (tCLS). During that time all changes at the related IN pin are ignored.
However, the INH pin can still be used to switch all MOSFETs off. After tCLS the switches return to their initial
setting. The error signal at the ST pin is reset after 1.5 * tCLS if no overcurrent state is detected in the meantime.
Unintentional triggering of the current limitation by short current spikes (e.g. inflicted by EMI coming from the
motor) is suppressed by internal filter circuitry. Due to thresholds and reaction delay times of the filter circuitry the
effective current limitation level ICLx depends on the slew rate of the load current di/dt as shown in Figure 11.
I
L
t
I
CLx
t
CLS
I
CLx 0
1. 5*t
CLS
t
O
O
5V
V
ST
Figure 10
Timing Diagram Current Limitation and Status Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com