Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 9Page - Infineon Technologies AG BTM7745G Datasheet HTML 10Page - Infineon Technologies AG BTM7745G Datasheet HTML 11Page - Infineon Technologies AG BTM7745G Datasheet HTML 12Page - Infineon Technologies AG BTM7745G Datasheet HTML 13Page - Infineon Technologies AG BTM7745G Datasheet HTML 14Page - Infineon Technologies AG BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
13
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.2.3
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
High Side Switch Dynamic Characteristics
Rise-time of HS
tr(HS)
5
15
25
µs
–
Slew rate HS on
ΔV
OUT/
tr( HS)
–
0.4
–
V/µs
–
Switch on delay time HS
tdr(HS)
50
95
140
µs
–
Fall-time of HS
tf(HS)
5
15
25
µs
–
Slew rate HS off
-
ΔV
OUT/
tf(HS)
–
0.4
–
V/µs
–
Switch off delay time HS
tdf(HS)
25
55
80
µs
–
Low Side Switch Dynamic Characteristics
Rise-time of LS
tr(LS)
10
20
30
µs
–
Slew rate LS switch off
ΔV
OUT/
tr(LS)
–
0.4
–
V/µs
–
Switch off delay time LS
tdr(LS)
30
60
90
µs
–
Fall-time of LS
tf(LS)
10
20
30
µs
–
Slew rate LS switch on
-
ΔV
OUT/
tf(LS)
–
0.4
–
V/µs
–
Switch on delay time LS
tdf(LS)
40
80
120
µs
–
Power Stages - Dynamic Characteristics
6.3
Protection Functions
The device provides integrated protection functions. These are designed to prevent IC destruction under fault
conditions described in the data sheet. Fault conditions are considered as “outside” normal operating range.
Protection functions are not to be used for continuous or repetitive operation, with the exception of the current
limitation (Chapter 6.3.4). Overvoltage, overtemperature and overcurrent are indicated by switching the open
drain output ST to low. Although the slew rate is defined as above (Chapter 6.2.3), in case of overvoltage and
overcurrent the device will have a higher slew rate of typically 11V/µs.
In the following the protection functions are listed in order of their priority. Overvoltage lock out overrides all other
error modes.
6.3.1
Overvoltage Lock Out
To assure a high immunity against overvoltages (e.g. load dump conditions) the device shuts both lowside
MOSFETs off and turns both highside MOSFET on, if the supply voltage
V
S is exceeding the over voltage
protection level VOV(OFF). The IC operates in normal mode again with a hysteresis VOV(HY) if the supply voltage
decreases below the switch-on voltage
V
OV(ON). This behavior of the BTM7745G will lead to freewheeling in
highside during over voltage.
V
S = 13.5V, Tj = +150 °C,RLoad = 12 Ω, VINH = 5V, VS pins shorted, all voltages with respect to ground, positive
current flowing into pin (unless otherwise specified)
6.2.7
6.2.8
6.2.9
6.2.10
6.2.11
6.2.12
6.2.13
6.2.14
6.2.15
6.2.16
6.2.17
6.2.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com