Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 13Page - Infineon Technologies AG BTM7745G Datasheet HTML 14Page - Infineon Technologies AG BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG BTM7745G Datasheet HTML 18Page - Infineon Technologies AG BTM7745G Datasheet HTML 19Page - Infineon Technologies AG BTM7745G Datasheet HTML 20Page - Infineon Technologies AG BTM7745G Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
17
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.4
Control and Diagnostics
6.4.1
Input Circuit
The control inputs INx and INH consist of TTL/CMOS compatible schmitt triggers with hysteresis which control the
integrated gate drivers for the MOSFETs. To set the device in stand-by mode, INH and INx pins need to be all
connected to GND. When the INH is high, in each half bridge one of the two power switches (HSx or LSx) is
switched on, while the other power switch is switched off, depending on the status of the INx pin. When INH is low,
a high INx signal will turn the corresponding highside switches on. This provides customer the possibility to switch
on one high side switch while keeping the other switches off and therefore to do an open load detection together
with external circuitry (see also Chapter 7 - Application Information). A low on all INx and INH signal will turn off
both power switches. To drive the logic inputs no external driver is needed, therefore the BTM7745G can be
interfaced directly to a microcontroller.
6.4.2
Dead Time Generation
In bridge applications it has to be assured that the highside and lowside MOSFET are not conducting at the same
time, connecting directly the battery voltage to GND. This is assured by a circuit in the driver IC, which senses the
status of the MOSFETs to ensure that the high or low side switch can be switched on only if the corresponding
low or high side switch is completely turned off.
6.4.3
Status Flag Diagnosis
The status pin provides diagnostic signal of the device. It is an open drain output which requires a pull-up resistor.
In case of overvoltage, overtemperature and overcurrent situation the status output is switched to low. In case of
current limitation the status output is activated for 1.5 *
t
CLS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com