Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 8Page - Infineon Technologies AG BTM7745G Datasheet HTML 9Page - Infineon Technologies AG BTM7745G Datasheet HTML 10Page - Infineon Technologies AG BTM7745G Datasheet HTML 11Page - Infineon Technologies AG BTM7745G Datasheet HTML 12Page - Infineon Technologies AG BTM7745G Datasheet HTML 13Page - Infineon Technologies AG BTM7745G Datasheet HTML 14Page - Infineon Technologies AG BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
12
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.2.2
Switching Times
IN
V
OUT
t
t
90%
40%
ΔV
OUT
90%
40%
t
dr(HS )
t
r(HS )
t
df (HS )
t
f(HS )
ΔV
OUT
Figure 8
Definition of switching times high side (Rload to GND)
IN
V
OUT
t
t
60%
10%
60%
10%
ΔV
OUT
t
df (LS )
t
f(LS )
ΔV
OUT
t
dr(LS )
t
r(LS )
Figure 9
Definition of switching times low side (Rload to VS)
Due to the timing differences for the rising and the falling edge there will be a slight difference between the length
of the input pulse and the length of the output pulse. It can be calculated using the following formulas:
•
Δt
HS = (tdr(HS) + 0.2 tr(HS)) - (tdf(HS) + 0.8 tf(HS))
•
Δt
LS = (tdf(LS) + 0.2 tf(LS)) - (tdr(LS) + 0.8 tr(LS)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com