Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 2Page - Infineon Technologies AG BTM7745G Datasheet HTML 3Page - Infineon Technologies AG BTM7745G Datasheet HTML 4Page - Infineon Technologies AG BTM7745G Datasheet HTML 5Page - Infineon Technologies AG BTM7745G Datasheet HTML 6Page - Infineon Technologies AG BTM7745G Datasheet HTML 7Page - Infineon Technologies AG BTM7745G Datasheet HTML 8Page - Infineon Technologies AG BTM7745G Datasheet HTML 9Page - Infineon Technologies AG BTM7745G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
High Current H-Bridge
BTM7745G
General Product Characteristics
Data Sheet
6
Rev. 1.0, 2010-05-28
5
General Product Characteristics
5.1
Absolute Maximum Ratings
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply voltage
V
S
-0.3
45
V
–
Logic Input Voltage
V
IN1,VIN2,
V
INH
-0.3
5.5
V
–
HS/LS continuous drain current
I
D(HS)
I
D(LS)
-3.2
3.2
A
TC < 85°C
switch active
Voltage at ST pin
V
ST
-0.3
45
V
–
ST pin continuous current
I
ST
0
2
mA
–
ST pin peak current
I
ST
0
4
mA
t
peak < 10µs
Thermal Maximum Ratings
Junction temperature
T
j
-40
150
°C
–
Storage temperature
T
stg
-55
150
°C
–
ESD Susceptibility
ESD susceptibility
IN1, IN2, ST, INH
OUT1, OUT2, GND, VS
V
ESD
-2
-4
2
4
kV
2) HBM according to EIA/JESD 22-A 114B (1.5 k
Ω, 100pF)
HBM2)
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
1) Not subject to production test, specified by design.
5.1.1
5.1.2
5.1.3
5.1.4
5.1.5
5.1.6
5.1.7
5.1.8
5.1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com