Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 4Page - Infineon Technologies AG BTM7745G Datasheet HTML 5Page - Infineon Technologies AG BTM7745G Datasheet HTML 6Page - Infineon Technologies AG BTM7745G Datasheet HTML 7Page - Infineon Technologies AG BTM7745G Datasheet HTML 8Page - Infineon Technologies AG BTM7745G Datasheet HTML 9Page - Infineon Technologies AG BTM7745G Datasheet HTML 10Page - Infineon Technologies AG BTM7745G Datasheet HTML 11Page - Infineon Technologies AG BTM7745G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
High Current H-Bridge
BTM7745G
General Product Characteristics
Data Sheet
8
Rev. 1.0, 2010-05-28
5.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Thermal Resistance
Junction to Soldering Point, Low Side Switch
RthjSP(LS) = ΔTj(LS)/ Pv(LS)
R
thjSP(LS) –
–
29
K/W
1) Not subject to production test, specified by design.
Thermal Resistance
Junction to Soldering Point, High Side Switch
RthjSP(HS) = ΔTj(HS)/ Pv(HS)
R
thjSP(HS) –
–
29
K/W
1)
Thermal Resistance
Junction to Soldering Point, both switches
RthjSP= max[ΔTj(HS), ΔTj(LS)] /
(
P
v(HS) + Pv(LS))
R
thjSP
–
–
29
K/W
1)
Thermal Resistance
Junction-Ambient
R
thja
–
46
–
K/W
1)
2) Specified
R
thja value is according to Jedec JESD51-2, -7 at natural convection on FR4 2s2p board; The product
(chip+package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
; 2)
1)
Transient thermal impedance
Z
thja
Figure 5 is showing the typical transient thermal impedance of high side or low side switch of BTM7745G mounted
according to JEDEC JESD51-7 at natural convection on FR4 2s2p board. The device (chip+package) was
simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu). For the
simulation each chip was separately powered with 1W at an ambient temperature
T
a of 85°C.
0
5
10
15
20
25
30
35
40
45
50
0,001
0,01
0,1
1
10
100
1000
tpulse [s]
High side sw itch / Low side sw itch
Figure 5
Typical transient thermal impedance of BTM7745G on JESD51-7 2s2p board
(1W each chip (separately heated),
T
a = 85°C, single pulse)
5.3.1
5.3.2
5.3.3
5.3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com