Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 3Page - Infineon Technologies AG BTM7745G Datasheet HTML 4Page - Infineon Technologies AG BTM7745G Datasheet HTML 5Page - Infineon Technologies AG BTM7745G Datasheet HTML 6Page - Infineon Technologies AG BTM7745G Datasheet HTML 7Page - Infineon Technologies AG BTM7745G Datasheet HTML 8Page - Infineon Technologies AG BTM7745G Datasheet HTML 9Page - Infineon Technologies AG BTM7745G Datasheet HTML 10Page - Infineon Technologies AG BTM7745G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
7
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
General Product Characteristics
Maximum Single Pulse Current
0
5
10
15
20
0,0001
0,001
0,01
0,1
1
10
100
tpulse [s]
Figure 4
BTM7745G Maximum Single Pulse Current (
T
C = Tj(0) < 85°C)
This diagram shows the maximum single pulse current that can be driven for a given pulse time
t
pulse. The
maximum reachable current may be smaller depending on the current limitation level. Pulse time may be limited
due to thermal protection of the device.
5.2
Functional Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltage Range for
Normal Operation
V
S(nor)
8
18
V
VS pins shorted
Extended Supply Voltage Range
for Operation
V
S(ext)
5.5
28
V
VS pins shorted;
Parameter
deviations possible;
1) Overtemperature protection available up to supply voltage
V
S = 18V.
Junction Temperature
T
j
-40
150
°C
–
1)
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
5.2.1
5.2.2
5.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com