Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 5Page - Infineon Technologies AG BTM7745G Datasheet HTML 6Page - Infineon Technologies AG BTM7745G Datasheet HTML 7Page - Infineon Technologies AG BTM7745G Datasheet HTML 8Page - Infineon Technologies AG BTM7745G Datasheet HTML 9Page - Infineon Technologies AG BTM7745G Datasheet HTML 10Page - Infineon Technologies AG BTM7745G Datasheet HTML 11Page - Infineon Technologies AG BTM7745G Datasheet HTML 12Page - Infineon Technologies AG BTM7745G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
9
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6Block Description and Characteristics
6.1
Supply Characteristics
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
General
Supply Current
I
S(on)
–
5
9.5
mA
VINH or VIN1 or VIN2 = 5 V
DC-mode
normal operation
(no fault condition)
Quiescent Current
IS(off)
–
5
15
µA
VINH = VIN1 = VIN2 = 0 V
Tj < 85 °C;
1) Not subject to production test, specified by design.
1)
–
–
30
µA
VINH = VIN1 = VIN2 = 0 V
0
1
2
3
4
5
6
7
8
9
10
-40
0
40
80
120
160
T [°C]
Figure 6
Typical Quiescent Current vs. Junction Temperature (typ. @
V
S = 13.5V)
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, IL = 0A, VS pins shorted, all voltages with respect to ground, positive
current flowing into pin (unless otherwise specified)
6.1.1
6.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com