Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG BTM7745G Datasheet HTML 18Page - Infineon Technologies AG BTM7745G Datasheet HTML 19Page - Infineon Technologies AG BTM7745G Datasheet HTML 20Page - Infineon Technologies AG BTM7745G Datasheet HTML 21Page - Infineon Technologies AG BTM7745G Datasheet HTML 22Page - Infineon Technologies AG BTM7745G Datasheet HTML 23Page - Infineon Technologies AG BTM7745G Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
20
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Application Information
7
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
XC866
TLE
4278G
V
S
Reset
Vss
WO
RO
Q
D
GND
I
Microcontroller
Reverse Polarity
Protection
Voltage Regulator
I/O
I/O
I/O
I/O
C
D
47nF
C
Q
22µF
R
1
10k
Ω
e.g.
IPD50P03P4L-11
VS
OUT1
GND
BTM7745G
C
Sc
VS
OUT2
GND
LS2
LS1
HS2
HS1
M
R
D1
R
D2
C
S
D
Z1
10V
I/O
I/O
I/O
Vdd
R
ST
4.7k
Ω
R
IN1
4.7k
Ω
R
IN2
4.7k
Ω
R
INH
4.7k
Ω
INH
IN2
ST
IN1
Figure 13
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
7.1
Application and Layout Considerations
Due to the fast switching times for high currents, special care has to be taken during the PCB layout. Stray
inductances have to be minimized in the power bridge design as it is necessary in all switched high power bridges.
The BTM7745G has no separate pin for power ground and logic ground. Therefore it is recommended to assure
that the offset between power ground and logic ground pins of the device is minimized. It is also
necessary to ensure that all VS pins are at the same voltage level. Therefore the VS pins need to be
shorted together. Voltage differences between the VS pins may cause parameter deviations (such as reduced
current limits) up to a latched shutdown of the device with error signal on the ST pin, similar to overtemperature
shutdown.
Due to the fast switching behavior of the device in current limitation mode or overvoltage lock out a low ESR
electrolytic capacitor
C
s of at least 100 µF from VS to GND is recommended. This prevents destructive voltage
peaks and drops on VS. This is recommended for both PWM and non PWM controlled applications. The value of
the capacitor must be verified in the real application.
In addition a ceramic capacitor
C
sc from VS to GND close to each device is recommended to provide current for
the switching phase via a low inductance path and therefore reducing noise and ground bounce. A reasonable
value for this capacitor would be about 470 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com