Electronic Components Datasheet Search
  English  ▼

X  

BTM7745G Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # BTM7745G
Description  High Current H-Bridge Trilith IC 3G
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7745G Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button BTM7745G Datasheet HTML 15Page - Infineon Technologies AG BTM7745G Datasheet HTML 16Page - Infineon Technologies AG BTM7745G Datasheet HTML 17Page - Infineon Technologies AG BTM7745G Datasheet HTML 18Page - Infineon Technologies AG BTM7745G Datasheet HTML 19Page - Infineon Technologies AG BTM7745G Datasheet HTML 20Page - Infineon Technologies AG BTM7745G Datasheet HTML 21Page - Infineon Technologies AG BTM7745G Datasheet HTML 22Page - Infineon Technologies AG BTM7745G Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
19
Rev. 1.0, 2010-05-28
High Current H-Bridge
BTM7745G
Block Description and Characteristics
6.4.5
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Control Inputs (IN and INH)
High level threshold voltage
INH, IN1, IN2
VINH(H),
VIN1(H), VIN2(H)
–
1.6
2
V
–
Low level threshold voltage
INH, IN1, IN2
VINH(L),
VIN1(L), VIN2(L)
1.1
1.4
–
V
–
Input voltage hysteresis
VINHHY,VINHY
–
200
–
mV
1) Not subject to production test, specified by design.
Input current
IINH(H),
IIN1(H), IIN2(H)
–
30
200
µA
VIN1,VIN2,VINH = 5.5 V
Input current
IINH(L),
IIN1(L), IIN2(L)
–
25
125
µA
VIN1, VIN2, VINH = 0.4 V
Status Signal
Status Low output voltage
V
ST(LOW)
–
–
0.4
V
I
ST = 1.6 mA
Status leakage current
IST(LK)
–
–
1
µA
V
ST = 0...28 V
1)
Electrical Characteristics - Control and Diagnostics
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, VS pins shorted, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
6.4.1
6.4.2
6.4.3
6.4.4
6.4.5
6.4.6
6.4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com