Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 38 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD5757 Datasheet HTML 34Page - Analog Devices AD5757 Datasheet HTML 35Page - Analog Devices AD5757 Datasheet HTML 36Page - Analog Devices AD5757 Datasheet HTML 37Page - Analog Devices AD5757 Datasheet HTML 38Page - Analog Devices AD5757 Datasheet HTML 39Page - Analog Devices AD5757 Datasheet HTML 40Page - Analog Devices AD5757 Datasheet HTML 41Page - Analog Devices AD5757 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD5757
Rev. A | Page 38 of 44
0
4
12
8
16
24
20
28
32
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
Figure 59. AICC Current vs. Time for 24 mA Through 1 kΩ Slew with External
51 kΩ Compensation Resistor
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
500Ω LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
4
12
8
16
24
20
28
32
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
Figure 60. AICC Current vs. Time for 24 mA Through 500 Ω Slew with External
51 kΩ Compensation Resistor
Using slew rate control can greatly reduce the AVCC supplies
current requirements, as shown in Figure 61. When using slew
rate control, attention should be paid to the fact that the output
cannot slew faster than the dc-to-dc converter. The dc-to-dc
converter slews slowest at higher currents through large (for
example, 1 kΩ) loads. This slew rate is also dependent on the
configuration of the dc-to-dc converter. Two examples of the
dc-to-dc converter’s output slew are shown in Figure 59 and
Figure 60 (VBOOST corresponds to the dc-to-dc converter’s output
voltage).
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
4
12
8
16
24
20
28
32
0
1
2
345
6
TIME (ms)
AICC
IOUT
VBOOST
Figure 61. AICC Current vs. Time for 24 mA Slew with Slew Rate Control
EXTERNAL PMOS MODE
The AD5757 can also be used with an external PMOS transistor
per channel, as shown in Figure 62. This mode can be used to
limit the on-chip power dissipation of the AD5757, though this
will not reduce the power dissipation of the total system. The
IGATE functionality is not typically required when using the
dynamic power control feature so Figure 62 shows the
configuration of the device for a fixed VBOOST_x supply.
In this configuration the SWx pin are left floating and the
GNDSWx pin is grounded. The VBOOST_x pin is connected to a
minimum supply of 7.5 V and a maximum supply of 33 V. This
supply can be sized according to the maximum load required to
be driven.
The IGATE functionality works by holding the gate of the
external PMOS transistor at (VBOOST_x − 5 V). This means that
the majority of the channels power dissipation will take place in
this external PMOS transistor.
The external PMOS transistor should be chosen tolerate a VDS
voltage of at least −VBOOST_x, as well as to handle the power
dissipation required. This external PMOS transistor typically
has minimal effect on the current output performance.
R1
R2
R3
RSET_A
RLOAD
SWGNDA
VBOOST_A
(VBOOST_A –5V)
SWA
CHARTA
IGATEA
CURRENT OUTPUT
DAC CHANNEL A
(LEFT FLOATING)
IOUT_A
DAC A
5.0V
AVCC
Figure 62. Configuration off a Particular Channel Using IGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com