Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD5757
Rev. A | Page 19 of 44
REFERENCE
16
14
12
10
8
6
4
2
0
–2
0
0.2
0.4
0.6
0.8
1.0
1.2
TIME (ms)
AVDD
REFOUT
TA = 25°C
Figure 38. REFOUT Turn-On Transient
4
3
2
1
0
–1
–2
–3
02
4
6
8
1
TIME (s)
0
AVDD = 15V
TA = 25°C
Figure 39. REFOUT Output Noise (0.1 Hz to 10 Hz Bandwidth)
150
100
50
0
–50
–100
–150
0
5
10
15
20
TIME (ms)
AVDD = 15V
TA = 25°C
Figure 40. REFOUT Output Noise (100 kHz Bandwidth)
5.0000
5.0005
5.0010
5.0015
5.0020
5.0025
5.0030
5.0035
5.0040
5.0045
5.0050
–40
–20
0
20406080
100
TEMPERATURE (°C)
30 DEVICES SHOWN
AVDD = 15V
Figure 41. REFOUT vs. Temperature (When the AD5757 is soldered onto a
PCB, the reference shifts due to thermal shock on the package. The average
output voltage shift is –4 mV. Measurement of these parts after seven days
shows that the outputs typically shift back 2 mV toward their initial values.
This second shift is due to the relaxation of stress incurred during soldering.)
5.002
5.001
5.000
4.999
4.998
4.997
4.996
4.995
02
46
8
1
LOAD CURRENT (mA)
0
AVDD = 15V
TA = 25°C
Figure 42. REFOUT vs. Load Current
5.00000
4.99995
4.99990
4.99980
4.99985
4.99975
4.99970
4.99965
4.99960
10
15
20
25
30
AVDD (V)
TA = 25°C
Figure 43. REFOUT vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com