Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD5757
Rev. A | Page 18 of 44
DC-TO-DC BLOCK
90
85
80
75
70
65
60
55
50
02
20
16
12
8
4
CURRENT (mA)
4
0mA TO 24mA RANGE
1kΩ LOAD
EXTERNAL RSET
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
AVCC = 4.5V
AVCC = 5V
AVCC = 5.5V
Figure 33. Efficiency at VBOOST_x vs. Output Current (See Figure 56)
90
85
80
75
70
65
60
55
50
–40
100
40
60
80
20
0
–20
TEMPERATURE (°C)
0mA TO 24mA RANGE
1kΩ LOAD
EXTERNAL RSET
AVCC = 5V
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
20mA
Figure 34. Efficiency at VBOOST_x vs. Temperature (See Figure 56)
80
70
60
50
40
30
20
02
20
16
12
8
4
CURRENT (mA)
4
0mA TO 24mA RANGE
1kΩ LOAD
EXTERNAL RSET
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
AVCC = 4.5V
AVCC = 5V
AVCC = 5.5V
Figure 35. Output Efficiency vs. Output Current (See Figure 56)
80
70
60
50
40
30
20
–40
100
40
60
80
20
0
–20
TEMPERATURE (°C)
0mA TO 24mA RANGE
1kΩ LOAD
EXTERNAL RSET
AVCC = 5V
fSW = 410 kHz
INDUCTOR = 10µH (XAL4040-103)
20mA
Figure 36. Output Efficiency vs. Temperature (See Figure 56)
0
0.1
0.2
0.3
0.4
0.5
0.6
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 37. Switch Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com