Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 34 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5757 Datasheet HTML 30Page - Analog Devices AD5757 Datasheet HTML 31Page - Analog Devices AD5757 Datasheet HTML 32Page - Analog Devices AD5757 Datasheet HTML 33Page - Analog Devices AD5757 Datasheet HTML 34Page - Analog Devices AD5757 Datasheet HTML 35Page - Analog Devices AD5757 Datasheet HTML 36Page - Analog Devices AD5757 Datasheet HTML 37Page - Analog Devices AD5757 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD5757
Rev. A | Page 34 of 44
If the error check fails, the FAULT pin goes low and the PEC
error bit in the status register is set. After reading the status
register, FAULT returns high (assuming there are no other
faults), and the PEC error bit is cleared automatically.
SDIN
SYNC
SCLK
UPDATE ON SYNC HIGH
MSB
D23
LSB
D0
24-BIT DATA
24-BIT DATA TRANSFER—NO ERROR CHECKING
SDIN
FAULT
SYNC
SCLK
UPDATE AFTER SYNC HIGH
ONLY IF ERROR CHECK PASSED
FAULT PIN GOES HIGH
IF ERROR CHECK FAILS
MSB
D31
LSB
D8
D7
D0
24-BIT DATA
8-BIT CRC
32-BIT DATA TRANSFER WITH ERROR CHECKING
Figure 54. PEC Timing
The PEC can be used for both transmit and receive of data
packets. If status readback during a write is enabled, the PEC
values returned during the status readback during a write
operation should be ignored. If status readback during a write is
disabled, the user can still use the normal readback operation to
monitor status register activity with PEC.
WATCHDOG TIMER
When enabled, an on-chip watchdog timer generates an alert
signal if 0x195 has not been written to the software register
within the programmed timeout period. This feature is useful
to ensure that communication has not been lost between the
MCU and the AD5757 and that these datapath lines are working
properly (that is, SDIN, SCLK, and SYNC). If 0x195 is not
received by the software register within the timeout period,
the ALERT pin signals a fault condition. The ALERT signal is
active high and can be connected directly to the CLEAR pin to
enable a CLEAR in the event that communication from the
MCU is lost.
The watchdog timer is enabled, and the timeout period (5 ms,
10 ms, 100 ms, or 200 ms) is set in the main control register (see
Table 17 and Table 18).
OUTPUT ALERT
The AD5757 is equipped with an ALERT pin. This is an active
high CMOS output. The AD5757 also has an internal watchdog
timer. When enabled, it monitors SPI communications. If 0x195
is not received by the software register within the timeout period,
the ALERT pin goes active.
INTERNAL REFERENCE
The AD5757 contains an integrated 5 V voltage reference with
initial accuracy of ±5 mV maximum and a temperature drift
coefficient of ±10 ppm maximum. The reference voltage
is buffered and externally available for use elsewhere within
the system.
EXTERNAL CURRENT SETTING RESISTOR
Referring to Figure 49, RSET is an internal sense resistor as part
of the voltage to current conversion circuitry. The stability of
the output current value over temperature is dependent on the
stability of the value of RSET. As a method of improving the
stability of the output current over temperature, an external
15 kΩ low drift resistor can be connected to the RSET_x pin of
the AD5757 to be used instead of the internal resistor, R1.
The external resistor is selected via the DAC control register
(see Table 19).
Table 1 outlines the performance specifications of the AD5757
with both the internal RSET resistor and an external, 15 kΩ RSET
resistor. Using an external RSET resistor allows for improved
performance over the internal RSET resistor option. The external
RSET resistor specification assumes an ideal resistor; the actual
performance depends on the absolute value and temperature
coefficient of the resistor used. This directly affects the gain error
of the output, and thus the total unadjusted error. To arrive at
the gain/TUE error of the output with a particular external RSET
resistor, add the percentage absolute error of the RSET resistor
directly to the gain/TUE error of the AD5757 with the external
RSET resistor, shown in Table 1 (expressed in % FSR).
HART
The AD5757 has four CHART pins, one corresponding to each
output channels. A HART signal can be coupled into these pins.
The HART signal appears on the corresponding current output,
if the output is enabled. Table 30 shows the recommended input
voltages for the HART signal at the CHART pin. If these
voltages are used, the current output should meet the HART
amplitude specifications. Figure 55 shows the recommended
circuit for attenuating and coupling in the HART signal.
Table 30. CHART Input Voltage to HART Output Current
RSET
CHART Input
Voltage
Current Output
(HART)
Internal RSET
150 mV p-p
1 mA p-p
External RSET
170 mV p-p
1 mA p-p
HART MODEM
OUTPUT
C1
C2
CHARTx
Figure 55. Coupling HART Signal
A minimum capacitance of C1 + C2 is required to ensure that
the 1.2 kHz and 2.2 kHz HART frequencies are not significantly
attenuated at the output. The recommended values are C1 =
22 nF, C2 = 47 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com