Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices AD5757 Datasheet HTML 27Page - Analog Devices AD5757 Datasheet HTML 28Page - Analog Devices AD5757 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD5757
Rev. A | Page 25 of 44
PROGRAMMING SEQUENCE TO WRITE/ENABLE
THE OUTPUT CORRECTLY
To correctly write to and set up the part from a power-on
condition, use the following sequence:
1.
Perform a hardware or software reset after initial power-on.
2.
The dc-to-dc converter supply block must be configured.
Set the dc-to-dc switching frequency, maximum output
voltage allowed, and the phase that the four dc-to-dc
channels clock at.
3.
Configure the DAC control register on a per channel basis.
The output range is selected, and the dc-to-dc converter
block is enabled (DC_DC bit). Other control bits can be
configured at this point. Set the INT_ENABLE bit;
however, the output enable bit (OUTEN) should not be set.
4.
Write the required code to the DAC data register. This
implements a full DAC calibration internally. Allow at least
200 μs before Step 5 for reduced output glitch.
5.
Write to the DAC control register again to enable the
output (set the OUTEN bit).
A flowchart of this sequence is shown in Figure 51.
POWER ON.
STEP 1: PERFORM A SOFTWARE/HARDWARE RESET.
STEP 4: WRITE TO EACH/ALL DAC DATA REGISTERS.
ALLOW AT LEAST 200µs BETWEEN STEP 3
AND STEP 5 FOR REDUCED OUTPUT GLITCH.
STEP 2: WRITE TO DC-TO-DC CONTROL REGISTER TO
SET DC-TO-DC CLOCK FREQUENCY, PHASE,
AND MAXIMUM VOLTAGE.
STEP 3: WRITE TO DAC CONTROL REGISTER. SELECT
THE DAC CHANNEL AND OUTPUT RANGE.
SET THE DC_DC BIT AND OTHER CONTROL
BITS AS REQUIRED. SET THE INT_ENABLE BIT
BUT DO NOT SELECT THE OUTEN BIT.
STEP 5: WRITE TO DAC CONTROL REGISTER. RELOAD
SEQUENCE AS IN STEP 3 ABOVE. THIS TIME
SELECT THE OUTEN BIT TO ENABLE
THE OUTPUT.
Figure 51. Programming Sequence for Enabling the Output Correctly
CHANGING AND REPROGRAMMING THE RANGE
When changing between ranges, the same sequence as
described in the Programming Sequence to Write/Enable the
Output Correctly section should be used. It is recommended to
set the range to zero scale prior to disabling the output. Because
the dc-to-dc switching frequency, maximum voltage, and phase
have already been selected, there is no need to reprogram these.
A flowchart of this sequence is shown in Figure 52.
CHANNEL’S OUTPUT IS ENABLED.
STEP 3: WRITE VALUE TO THE DAC DATA REGISTER.
STEP 1: WRITE TO CHANNEL’S DAC DATA
REGISTER. SET THE OUTPUT
TO 0V (ZERO OR MIDSCALE).
STEP 2: WRITE TO DAC CONTROL REGISTER.
DISABLE THE OUTPUT (OUTEN = 0), AND
SET THE NEW OUTPUT RANGE. KEEP THE
DC_DC BIT AND THE INT_ENABLE BIT SET.
STEP 4: WRITE TO DAC CONTROL REGISTER.
RELOAD SEQUENCE AS IN STEP 2 ABOVE.
THIS TIME SELECT THE OUTEN BIT TO
ENABLE THE OUTPUT.
Figure 52. Steps for Changing the Output Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com