Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5757 Datasheet HTML 10Page - Analog Devices AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD5757
Rev. A | Page 14 of 44
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
AVDD = 15V
Figure 14. Total Unadjusted Error vs. Temperature
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
AVDD = 15V
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
Figure 15. Full-Scale Error vs. Temperature
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
AVDD = 15V
Figure 16. Offset Error vs. Temperature
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
0mA TO 24mA INTERNAL RSET
AVDD = 15V
Figure 17. Gain Error vs. Temperature
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
0.0025
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
TA = 25°C
Figure 18. Integral Nonlinearity Error vs. AVDD,
Over Supply, External RSET
–0.0020
–0.0025
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
TA = 25°C
Figure 19. Integral Nonlinearity Error vs. AVDD,
Over Supply, Internal RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com