Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices AD5757 Datasheet HTML 27Page - Analog Devices AD5757 Datasheet HTML 28Page - Analog Devices AD5757 Datasheet HTML 29Page - Analog Devices AD5757 Datasheet HTML 30Page - Analog Devices AD5757 Datasheet HTML 31Page - Analog Devices AD5757 Datasheet HTML 32Page - Analog Devices AD5757 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD5757
Rev. A | Page 29 of 44
DAC Control Register
The DAC control register is used to configure each DAC channel. The DAC control register options are shown in Table 19 and Table 20.
Table 19. Programming DAC Control Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
X1
X1
X1
X1
INT_ENABLE
CLR_EN
OUTEN
RSET
DC_DC
X1
R2
R1
R0
1 X = don’t care.
Table 20. DAC Control Register Functions
Bit
Description
INT_ENABLE
Powers up the dc-to-dc converter, DAC, and internal amplifiers for the selected channel. Does not enable the output. Can
only be done on a per channel basis. It is recommended to set this bit and allow a >200 μs delay before enabling the
output because this results in a reduced output enable glitch. Plots of this glitch can be found in Figure 25.
CLR_EN
Per channel clear enable bit. Selects if this channel clears when the CLEAR pin is activated.
CLR_EN = 1, channel clears when the part is cleared.
CLR_EN = 0, channel does not clear when the part is cleared (default).
OUTEN
Enables/disables the selected output channel.
OUTEN = 1, enables the channel.
OUTEN = 0, disables the channel (default).
RSET
Selects an internal or external current sense resistor for the selected DAC channel.
RSET = 0, selects the external resistor (default).
RSET = 1, selects the internal resistor.
DC_DC
Powers the dc-to-dc converter on the selected channel.
DC_DC = 1, power up the dc-to-dc converter.
DC_DC = 0, power down the dc-to-dc converter (default).
This allows per channel dc-to-dc converter power-up/power-down. To power down the dc-to-dc converter, the OUTEN and
INT_ENABLE bits must also be set to 0.
All dc-to-dc converters can also be powered up simultaneously using the DCDC_ALL bit in the main control register.
R2, R1, R0
Selects the output range to be enabled.
R2
R1
R0
Output Range Selected
1
0
0
4 mA to 20 mA current range
1
0
1
0 mA to 20 mA current range
1
1
0
0 mA to 24 mA current range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com