Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 41 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5757 Datasheet HTML 36Page - Analog Devices AD5757 Datasheet HTML 37Page - Analog Devices AD5757 Datasheet HTML 38Page - Analog Devices AD5757 Datasheet HTML 39Page - Analog Devices AD5757 Datasheet HTML 40Page - Analog Devices AD5757 Datasheet HTML 41Page - Analog Devices AD5757 Datasheet HTML 42Page - Analog Devices AD5757 Datasheet HTML 43Page - Analog Devices AD5757 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD5757
Rev. A | Page 41 of 44
DC-to-DC Converters
GALVANICALLY ISOLATED INTERFACE
To achieve high efficiency, good regulation, and stability, a well-
designed printed circuit board layout is required.
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur.
Isocouplers provide voltage isolation in excess of 2.5 kV. The
serial loading structure of the AD5757 makes it ideal for
isolated interfaces because the number of interface lines is kept
to a minimum. Figure 65 shows a 4-channel isolated interface to
the AD5757 using an ADuM1400. For more information, visit
www.analog.com.
Follow these guidelines when designing printed circuit boards
(see Figure 56):
•
Keep the low ESR input capacitor, CIN, close to AVCC
and PGND.
•
Keep the high current path from CIN through the inductor,
LDCDC, to SWX and PGND as short as possible.
•
Keep the high current path from CIN through LDCDC and the
rectifier, DDCDC, to the output capacitor, CDCDC, as short as
possible.
VIA
SERIAL CLOCK
OUT
TO SCLK
VOA
ENCODE
DECODE
•
Keep high current traces as short and as wide as possible.
The path from CIN through the inductor, LDCDC, to SWX and
PGND should be able to handle a minimum of 1 A.
VIB
SERIAL DATA
OUT
TO SDIN
VOB
ENCODE
DECODE
VOC
VIC
SYNC OUT
•
Place the compensation components as close as possible to
COMPDCDC_x.
ENCODE
DECODE
•
Avoid routing high impedance traces near any node
connected to SWx or near the inductor to prevent radiated
noise injection.
VID
CONTROL OUT
VOD
ENCODE
DECODE
MICROCONTROLLER
ADuM1400*
*ADDITIONAL PINS OMITTED FOR CLARITY.
TO SYNC
TO LDAC
Figure 65. Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com