Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5757 Datasheet HTML 8Page - Analog Devices AD5757 Datasheet HTML 9Page - Analog Devices AD5757 Datasheet HTML 10Page - Analog Devices AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD5757
Rev. A | Page 12 of 44
Pin No.
Mnemonic
Description
51
CHARTC
HART Input Connection for DAC Channel C.
54
IOUT_D
Current Output Pin for DAC Channel D.
56
VBOOST_D
Supply for Channel D Current Output Stage (see Figure 49). To use the dc-to-dc feature of the device, connect as
shown in Figure 56.
57
COMPDCDC_D
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel D dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin (see the DC-to-DC Converter Compensation
Capacitors and AICC Supply Requirements—Slewing sections in the Device Features section for more
information).
58
IGATED
Optional Connection for External Pass Transistor. Should be left unconnected when using the dc-to-dc converter.
See the External PMOS Mode section for more information.
59
CHARTD
HART Input Connection for DAC Channel D.
61
REFIN
External Reference Voltage Input.
62
REFOUT
Internal Reference Voltage Output. It is recommended to place a 0.1 μF capacitor between REFOUT and
REFGND.
63
RSET_D
An external, precision, low drift 15 kΩ current setting resistor can be connected to this pin to improve the IOUT_D
temperature drift performance. See the Device Features section.
64
RSET_C
An external, precision, low drift 15 kΩ current setting resistor can be connected to this pin to improve the IOUT_C
temperature drift performance. See the Device Features section.
EPAD
Exposed Pad. This exposed pad should be connected to AGND, or, alternatively, it can be left electrically
unconnected. It is recommended that the pad be thermally connected to a copper plane for enhanced thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com