Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5757 Datasheet HTML 20Page - Analog Devices AD5757 Datasheet HTML 21Page - Analog Devices AD5757 Datasheet HTML 22Page - Analog Devices AD5757 Datasheet HTML 23Page - Analog Devices AD5757 Datasheet HTML 24Page - Analog Devices AD5757 Datasheet HTML 25Page - Analog Devices AD5757 Datasheet HTML 26Page - Analog Devices AD5757 Datasheet HTML 27Page - Analog Devices AD5757 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD5757
Rev. A | Page 24 of 44
REGISTERS
Table 6 shows an overview of the registers for the AD5757.
Table 6. Data, Control, and Readback Registers for the AD5757
Register
Description
Data
DAC Data Register (×4)
Used to write a DAC code to each DAC channel. AD5757 data bits = D15 to D0. There are four DAC
data registers, one per DAC channel.
Gain Register (×4)
Used to program gain trim, on a per channel basis. AD5757 data bits = D15 to D0. There are four gain
registers, one per DAC channel.
Offset Register (×4)
Used to program offset trim, on a per channel basis. AD5757 data bits = D15 to D0. There are four
offset registers, one per DAC channel.
Clear Code Register (×4)
Used to program clear code on a per channel basis. AD5757 data bits = D15 to D0. There are four clear
code registers, one per DAC channel.
Control
Main Control Register
Used to configure the part for main operation. Sets functions such as status readback during write,
enables output on all channels simultaneously, powers on all dc-to-dc converter blocks
simultaneously, and enables and sets conditions of the watchdog timer. See the Device Features
section for more details.
Software Register
Has three functions. Used to perform a reset, to toggle the user bit and, as part of the watchdog timer
feature, to verify correct data communication operation.
Slew Rate Control Register (×4)
Used to program the slew rate of the output. There are four slew rate control registers, one per
channel.
DAC Control Register (×4)
These registers are used to control the following:
Set the output range, for example, 4 mA to 20 mA.
Set whether an internal/external sense resistor is used.
Enable/disable a channel for CLEAR.
Enable/disable internal circuitry on a per channel basis.
Enable/disable output on a per channel basis.
Power on dc-to-dc converters on a per channel basis.
There are four DAC control registers, one per DAC channel.
DC-to-DC Control Register
Use to set the dc-to-dc control parameters. Can control dc-to-dc maximum voltage, phase, and
frequency.
Readback
Status Register
This contains any fault information, as well as a user toggle bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com