Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5757 Datasheet HTML 7Page - Analog Devices AD5757 Datasheet HTML 8Page - Analog Devices AD5757 Datasheet HTML 9Page - Analog Devices AD5757 Datasheet HTML 10Page - Analog Devices AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD5757
Rev. A | Page 11 of 44
Pin No.
Mnemonic
Description
15
ALERT
Active High Output. This pin is asserted when there has been no SPI activity on the interface pins for a
predetermined time. See the Device Features section for more information.
16
FAULT
Active Low Output. This pin is asserted low when an open circuit in current mode is detected, a short circuit in
voltage mode is detected, a PEC error is detected, or an overtemperature is detected (see the Device Features
section). Open-drain output.
18
RESET
Hardware Reset. Active Low Input.
19
AVDD
Positive Analog Supply. The voltage range is from 10.8 V to 33 V.
20, 25,
28, 30,
50, 52,
55, 60
NC
No Connect. Do not connect to this pin.
21
CHARTA
HART Input Connection for DAC Channel A.
22
IGATEA
Optional Connection for External Pass Transistor. Should be left unconnected when using the dc-to-dc converter. See
the External PMOS Mode section for more information.
23
COMPDCDC_A
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel A dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin (see the DC-to-DC Converter Compensation
Capacitors and the AICC Supply Requirements—Slewing sections in the Device Features section for more
information).
24
VBOOST_A
Supply for Channel A Current Output Stage (see Figure 49). To use the dc-to-dc feature of the device, connect as
shown in Figure 56.
26
IOUT_A
Current Output Pin for DAC Channel A.
27, 40, 53
AGND
Ground Reference Point for Analog Circuitry. This must be connected to 0 V.
29
CHARTB
HART Input Connection for DAC Channel B.
31
IGATEB
Optional Connection for External Pass Transistor. Should be left unconnected when using the dc-to-dc converter.
See the External PMOS Mode section for more information.
32
COMPDCDC_B
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel B dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin (see the DC-to-DC Converter Compensation
Capacitors and AICC Supply Requirements—Slewing sections in the Device Features section for more
information).
33
IOUT_B
Current Output Pin for DAC Channel B.
34
VBOOST_B
Supply for Channel B Current Output Stage (see Figure 49). To use the dc-to-dc feature of the device, connect as
shown in Figure 56.
35
AGND
Ground Reference Point for Analog Circuitry. This pin must be connected to 0 V.
36
SWB
Switching Output for Channel B DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 56.
37
GNDSWB
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
38
GNDSWA
Ground Connection for DC-to-DC Switching Circuit. This pin should always be connected to ground.
39
SWA
Switching Output for Channel A DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 56.
41
SWD
Switching Output for Channel D DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 56.
42
GNDSWD
Ground Connections for DC-to-DC Switching Circuit. This pin should always be connected to ground.
43
GNDSWC
Ground Connections for DC-to-DC Switching Circuit. This pin should always be connected to ground.
44
SWC
Switching Output for Channel C DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect as shown
in Figure 56.
45
AVCC
Supply for DC-to-DC Circuitry.
46
VBOOST_C
Supply for Channel C Current Output Stage (see Figure 49). To use the dc-to-dc feature of the device, connect as
shown in Figure 56.
47
IOUT_C
Current Output Pin for DAC Channel C.
48
COMPDCDC_C
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel C dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin (see the DC-to-DC Converter Compensation
Capacitors and AICC Supply Requirements—Slewing sections in the Device Features section for more
information).
49
IGATEC
Optional Connection for External Pass Transistor. Should be left unconnected when using the dc-to-dc converter. See
the External PMOS Mode section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com