Electronic Components Datasheet Search
  English  ▼

X  

AD5757 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5757 Datasheet HTML 11Page - Analog Devices AD5757 Datasheet HTML 12Page - Analog Devices AD5757 Datasheet HTML 13Page - Analog Devices AD5757 Datasheet HTML 14Page - Analog Devices AD5757 Datasheet HTML 15Page - Analog Devices AD5757 Datasheet HTML 16Page - Analog Devices AD5757 Datasheet HTML 17Page - Analog Devices AD5757 Datasheet HTML 18Page - Analog Devices AD5757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
AD5757
Rev. A | Page 15 of 44
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
10
15
20
25
30
SUPPLY (V)
DNL ERROR MAX
DNL ERROR MIN
ALL RANGES
INTERNAL AND EXTERNAL RSET
TA = 25°C
Figure 20. Differential Nonlinearity Error vs. AVDD
0
0.002
0.004
0.006
0.008
0.010
0.012
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX TUE
4mA TO 20mA RANGE MIN TUE
TA = 25°C
Figure 21. Total Unadjusted Error vs. AVDD, External RSET
10
15
20
25
30
SUPPLY (V)
4mA TO 20mA RANGE MAX TUE
4mA TO 20mA RANGE MIN TUE
TA = 25°C
–0.020
–0.018
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
Figure 22. Total Unadjusted Error vs. AVDD, Internal RSET
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
10
15
20
25
30
VBOOST_X SUPPLY (V)
TA = 25°C
EXTERNAL PMOS (NTLJS4149)
4mA TO 20mA RANGE
RLOAD = 300Ω
MAX OF TUE
MIN OF TUE
Figure 23. Total Unadjusted Error vs. VBOOST_X, Using External PMOS Mode
6
5
4
3
2
1
0
02
15
10
5
TIME (µs)
0
AVDD = 15V
TA = 25°C
RLOAD = 300Ω
Figure 24. Output Current vs. Time on Power-Up
4
–10
–8
–6
–4
–2
0
2
01
2
3
4
5
6
TIME (µs)
AVDD = 15V
TA = 25°C
RLOAD = 300Ω
INT_ENABLE
Figure 25. Output Current vs. Time on Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com