Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 33 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 29Page - Analog Devices ADATE318 Datasheet HTML 30Page - Analog Devices ADATE318 Datasheet HTML 31Page - Analog Devices ADATE318 Datasheet HTML 32Page - Analog Devices ADATE318 Datasheet HTML 33Page - Analog Devices ADATE318 Datasheet HTML 34Page - Analog Devices ADATE318 Datasheet HTML 35Page - Analog Devices ADATE318 Datasheet HTML 36Page - Analog Devices ADATE318 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
ADATE318
Rev. 0 | Page 33 of 80
–10
–30
–50
70
50
30
10
0
02
PULSE WIDTH (ns)
46
10
8
POSITIVE PULSE
NEGATIVE PULSE
Figure 21. Driver Trailing Edge Timing Error vs. Pulse Width, VIH = 1.0 V;
VIL = 0.0 V, 50 Ω Termination
–10
–30
–50
70
90
50
30
10
02
PULSE WIDTH (ns)
46
10
8
POSITIVE PULSE
NEGATIVE PULSE
Figure 22. Driver Trailing Edge Timing Error vs. Pulse Width, VIH = 2.0 V;
VIL = 0.0 V, 50 Ω Termination
–20
–80
–60
–40
–100
80
100
60
40
20
0
02
PULSE WIDTH (ns)
46
10
8
POSITIVE PULSE
NEGATIVE PULSE
Figure 23. Driver Trailing Edge Timing Error vs. Pulse Width, VIH = 3.0 V;
VIL = 0.0 V, 50 Ω Termination
0
–0.5
–1.0
1.5
1.0
0.5
–2
0
–1
DRIVER OUTPUT VOLTAGE (V)
3
14
2
7
56
Figure 24. Driver VIH Linearity Error
0
–0.5
–1.0
1.5
1.0
0.5
–2
0
–1
DRIVER OUTPUT VOLTAGE (V)
3
14
2
7
56
Figure 25. Driver VIL Linearity Error
0
–0.5
–1.0
1.5
1.0
0.5
–2
0
–1
DRIVER OUTPUT VOLTAGE (V)
3
14
2
7
56
Figure 26. Driver VIT Linearity Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com