Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 11 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 7Page - Analog Devices ADATE318 Datasheet HTML 8Page - Analog Devices ADATE318 Datasheet HTML 9Page - Analog Devices ADATE318 Datasheet HTML 10Page - Analog Devices ADATE318 Datasheet HTML 11Page - Analog Devices ADATE318 Datasheet HTML 12Page - Analog Devices ADATE318 Datasheet HTML 13Page - Analog Devices ADATE318 Datasheet HTML 14Page - Analog Devices ADATE318 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
ADATE318
Rev. 0 | Page 11 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Maximum Programmable
Hysteresis
117
mV
CB
Hysteresis Resolution
5.6
mV
D
Calculated over hystersis control Code 10 to Code 31
CMRR
−1
+1
mV/V
P
Offset measured at VCM =
−1.5 V and +6.5 V with V
DM
= 0.0 V,
offset error change
DC PSRR
±5
mV/V
CT
Measured at calibration points
AC SPECIFICATIONS
All ac specifications performed after dc level calibration,
unless noted; input transition time ~200 ps, 20% to 80%,
measured with 50 Ω to external termination voltage (VTTC),
peaking set to CLC = 2, unless otherwise specified
Propagation Delay,
Input to Output
0.83
ns
CB
VDUT0 = 0 V, VDUT1:
−0.5 V to +0.5 V swing, driver term
mode, VIT = 0.0 V, comparator threshold = 0.0 V, repeat for
other channel
Propagation Delay Tempco
2.6
ps/ºC
CB
VDUT0 = 0 V, VDUT1:
−0.5 V to +0.5 V swing, driver term
mode, VIT = 0.0 V, comparator threshold = 0.0 V, repeat for
other channel
Propagation Delay Matching,
High Transition to Low
Transition
15
ps
CB
VDUT0 = 0 V, VDUT1:
−0.5 V to +0.5 V swing, driver term
mode, VIT = 0.0 V, comparator threshold = 0.0 V, repeat for
other channel
Propagation Delay Matching,
High to Low Comparator
17
ps
CB
VDUT0 = 0 V, VDUT1:
−0.5 V to +0.5 V swing, driver term
mode, VIT = 0.0 V, comparator threshold = 0.0 V, repeat for
other channel
Propagation Delay Change
(Dispersion) With Respect To
Slew Rate:
400 ps and 1 ns
(20% to 80%)
31
ps
CB
VDUT0 = 0.0 V; VDUT1:
−0.5 V to +0.5 V swing; driver term
mode, VIT = 0.0 V; comparator threshold = 0.0 V, repeat for
other channel
Overdrive:
250 mV and 750 mV
32
ps
CB
VDUT0 = 0.0 V; for 250 mV: VDUT1: 0 V to 0.5 V swing; for
750 mV: VDUT1: 0 V to 1.0 V swing; driver term mode,
VIT = 0.0 V; comparator threshold =
−0.25 V; repeat for
other channel with comparator threshold = +0.25 V
1 V Pulse Width:
0.7 ns, 1 ns, 5 ns, 10 ns
+1/−
21
ps
CB
VDUT0 = 0.0 V; VDUT1:
−0.5 V to +0.5 V swing at 32 MHz;
driver term mode, VIT = 0.0 V; comparator threshold = 0.0 V;
repeat for other channel
0.5 V Pulse Width:
0.6 ns, 1 ns, 5 ns, 10 ns
+1/−
31
ps
CB
VDUT0 = 0.0 V; VDUT1:
−0.25 V to +0.25 V swing at 32 MHz;
driver term mode, VIT = 0.0 V; comparator threshold = 0.0 V;
repeat for other channel
Duty Cycle:
5% to 95%
18
ps
CB
VDUT0 = 0.0 V; VDUT1:
−0.5 V to +0.5 V swing at 32 MHz;
driver term mode, VIT = 0.0 V; comparator threshold = 0.0 V;
repeat for other channel
Minimum Detectable
Pulse Width
0.5
ns
CB
VDUT0 = 0.0 V; VDUT1:
−0.5 V to +0.5 V swing at 32 MHz;
driver term mode, VIT = 0.0 V; comparator threshold = 0.0 V;
greater than 50% output differential amplitude; repeat for
other channel
Input Equivalent Bandwidth,
Terminated
1038
MHz
CB
VDUT0 = 0.0 V; VDUT1:
−0.5 V to +0.5 V swing; driver term
mode, VIT = 0.0 V; comparator threshold = 0.0 V, CLC = 2 as
measured by shmoo; repeat for other channel
Comparator Pre-Emphasis (CLC)
CLC Amplitude Range
11
%
CB
VDUT0 = 0.0 V; VDUT1:
−0.8 V to +0.8 V swing, driver term
mode, VIT = 0.0 V; comparator threshold = 0.0 V;
comparator CLC set to maximum; repeat for other channel
CLC Resolution
1.6
% per bit
CB
3-bit amplitude control
Pre-Emphasis Time Constant
4.8
ns
CB
VDUT0 = 0.0 V; VDUT1:
−0.8 V to +0.8 V swing, driver term
mode, VIT = 0.0 V; comparator threshold = 0.0 V;
comparator CLC set to maximum; repeat for other channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com