Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 29 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 25Page - Analog Devices ADATE318 Datasheet HTML 26Page - Analog Devices ADATE318 Datasheet HTML 27Page - Analog Devices ADATE318 Datasheet HTML 28Page - Analog Devices ADATE318 Datasheet HTML 29Page - Analog Devices ADATE318 Datasheet HTML 30Page - Analog Devices ADATE318 Datasheet HTML 31Page - Analog Devices ADATE318 Datasheet HTML 32Page - Analog Devices ADATE318 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
ADATE318
Rev. 0 | Page 29 of 80
Pin
Mnemonic
Description
24
PPMU_MEAS1
PPMU Analog Measure Output, Channel 1.
25
DGND
Digital Logic Ground.
26
DUTGND
DUT Ground Sense Input.
27
ALARM
Fault Alarm Open Drain Output.
28
VSS
VSS Supply.
29
DGND
Digital Logic Ground.
30
CS
Serial Programmable Interface (SPI) Chip Select Input (Active Low).
31
BUSY
Serial Programmable Interface (SPI) Busy Output (Active Low).
32
SDO
Serial Programmable Interface (SPI) Serial Data Output.
33
SCLK
Serial Programmable Interface (SPI) Clock Input.
34
SDI
Serial Programmable Interface (SPI) Serial Data Input.
35
VCC
VCC Supply.
36
VDD
VDD Supply.
37
RST
Reset Input (Active Low).
38
VREF
DAC Precision +5.0 V Reference Input.
39
VREFGND
DAC Precision +0.0 V Reference Input.
40
PPMU_MEAS0
PPMU Analog Measure Output, Channel 0.
41
PPMU_CMPL0
PPMU Go/No-Go Comparator Low Output, Channel 0.
42
AGND
Analog Ground.
43
AGND
Analog Ground.
44
PPMU_CMPH0
PPMU Go/No-go Comparator High Output, Channel 0.
45
VSS
VSS Supply.
46
VDD
VDD Supply.
47
PGND
Power Ground.
48
CMPH0
High Speed Comparator High Output, Channel 0.
49
CMPH0
High Speed Comparator High Output Complement, Channel 0.
50
VTTC0
Comparator Supply Termination, Channel 0.
51
CMPL0
High Speed Comparator Low Output Complement, Channel 0.
52
CMPL0
High Speed Comparator Low Output, Channel 0.
53
FFCAPA0
PPMU External Feed Forward Capacitor Pin A, Channel 0.
54
FFCAPB0
PPMU External Feed Forward Capacitor Pin B, Channel 0.
55
SCAP0
PPMU External Compensation Capacitor, Channel 0.
56
RCV0
High Speed Receive Input Complement, Channel 0.
57
RCV0
High Speed Receive Input, Channel 0.
58
NC
This pin is open. No internal connection.
59
DAT0
High Speed Data Input Complement, Channel 0.
60
DAT0
High Speed Data Input, Channel 0.
61
HVOUT
VHH Output Pin.
62
PPMU_S0
PPMU External Sense Connect, Channel 0.
63
VPLUS
VPLUS Supply.
64
VSS
VSS Supply.
65
PMU_S0
System PMU Sense Input, Channel 0.
66
VDD
VDD Supply.
67
VDDO0
VDD Supply, Driver Output Stage, Channel 0.
68
DUT0
DUT Pin, Channel 0.
69
VSSO0
VSS Supply, Driver Output Stage, Channel 0.
70
VSS
VSS Supply.
71
PGND
Power Ground.
72
VDD
VDD Supply.
73
VSS
VSS Supply.
74
AGND
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com