Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 64 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 60Page - Analog Devices ADATE318 Datasheet HTML 61Page - Analog Devices ADATE318 Datasheet HTML 62Page - Analog Devices ADATE318 Datasheet HTML 63Page - Analog Devices ADATE318 Datasheet HTML 64Page - Analog Devices ADATE318 Datasheet HTML 65Page - Analog Devices ADATE318 Datasheet HTML 66Page - Analog Devices ADATE318 Datasheet HTML 67Page - Analog Devices ADATE318 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
ADATE318
Rev. 0 | Page 64 of 80
tSPI
3µs
tDAC
NOTE 1
NOTE 1
±0.5 LSB
COMPLETION OF 3µs
DEGLITCH PERIOD
RETRIGGER OF 3µs
DEGLITCH PERIOD
BEGINNING OF 3µs
DEGLITCH PERIOD
NOTES
1. DAC DEGLITCH PERIOD ALWAYS BEGINS FOUR
SCLK CYCLES BEFORE RELEASE OF BUSY.
DAC23
DAC2
DAC1
DAC0
BUSY
SDI
CS
SCLK
SEE TABLE 18
WRITE DAC0
WRITE DAC1
SEE TABLE 18
Figure 126. SPI DAC Write and Settling Time
Addressing M and C Registers
Some DACs have pairs of m/c-coefficients that are controlled depending on other register status. Table 20 details the specific register
settings and register addresses for the different pairs (X = don’t care).
Table 20. M- and C-Register Mapping
SPI
Address
(Channel)
DAC
Name
Functional (DAC
Usage) Description
m-
register
c-
register
VHH_
ENABLE
0x18[0]
DMC_
ENABLE
0x1C[0]
LOAD_
ENABLEx
0x19[5]
PPMU_
POWERx
0x1A[15]
PPMU_
MEAS_
VIx
0x1A[5]
PPMU_FORCE
_VIx 0x1A[4]
PPMU_
RANGEx
(0x1A[3:1])
0x0D[0]
OVDL
Overvoltage detect low
0x2D[0]
0x3D[0]
X
X
X
X
X
X
XXX
0x04[0]
VOH0
NWC high level,
Channel 0
0x24[0]
0x34[0]
X
0
X
0
X
X
XXX
DMC high level
0x44[0]
0x5C[0]
X
1
X
0
X
X
XXX
PPMU go/no-go MV
high level, Channel 0
0x45[0]
0x5D[0]
X
X
X
1
0
X
XXX
PPMU go/no-go MI
Range A high level,
Channel 0
0x46[0]
0x5E[0]
X
X
X
1
1
X
111
PPMU go/no-go MI
Range B high level,
Channel 0
0x47[0]
0x5E[0]
X
X
X
1
1
X
110
PPMU go/no-go MI
Range C high level,
Channel 0
0x48[0]
0x5E[0]
X
X
X
1
1
X
101
PPMU go/no-go MI
Range D high level,
Channel 0
0x49[0]
0x5E[0]
X
X
X
1
1
X
100
PPMU go/no-go MI
Range E high level,
Channel 0
0x4A[0]
0x5E[0]
X
X
X
1
1
X
0XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com