Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 28 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 24Page - Analog Devices ADATE318 Datasheet HTML 25Page - Analog Devices ADATE318 Datasheet HTML 26Page - Analog Devices ADATE318 Datasheet HTML 27Page - Analog Devices ADATE318 Datasheet HTML 28Page - Analog Devices ADATE318 Datasheet HTML 29Page - Analog Devices ADATE318 Datasheet HTML 30Page - Analog Devices ADATE318 Datasheet HTML 31Page - Analog Devices ADATE318 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
ADATE318
Rev. 0 | Page 28 of 80
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PADDLE IS INTERNALLY CONNECTED VIA HIGH IMPEDANCE TO VSS (SUBSTRATE).
2. NC = THIS PIN IS OPEN. NO INTERNAL CONNECTION.
1
VDD_THERM
2
PPMU_S1
3
THERM
4
DAT1
5
DAT1
6
NC
7
RCV1
8
RCV1
9
SCAP1
10
FFCAPB1
11
FFCAPA1
12
CMPL1
13
CMPL1
14
VTTC1
15
CMPH1
16
CMPH1
17
PGND
18
VDD
19
VSS
20
PPMU_CMPH1
55 SCAP0
56 RCV0
57 RCV0
58 NC
59 DAT0
60 DAT0
61 HVOUT
62 PPMU_S0
63 VPLUS
54 FFCAPB0
53 FFCAPA0
52 CMPL0
51 CMPL0
50 VTTC0
49 CMPH0
48 CMPH0
47 PGND
46 VDD
45 VSS
44 PPMU_CMPH0
43 AGND
ADATE318
TOP VIEW
(Not to Scale)
84-LEAD 10mm × 10mm LFCSP
(HEATSINK FACE UP,
DIE FACE DOWN)
21
AGND
PIN 1
IDENTIFIER
Figure 8. LFCSP Pin Configuration
Table 17. Pin Function Descriptions
Pin
Mnemonic
Description
EP
Exposed Paddle
Exposed paddle is internally connected via high impedance to VSS (substrate).
1
VDD_THERM
Temperature Sensor VDD Supply.
2
PPMU_S1
PPMU External Sense Connect, Channel 1.
3
THERM
Temperature Sensor Analog Output.
4
DAT1
High Speed Data Input, Channel 1.
5
DAT1
High Speed Data Input Complement, Channel 1.
6
NC
This pin is open. No internal connection.
7
RCV1
High Speed Receive Input, Channel 1.
8
RCV
High Speed Receive Input Complement, Channel 1.
9
SCAP1
PPMU External Compensation Capacitor, Channel 1.
10
FFCAPB1
PPMU External Feed Forward Capacitor Pin B, Channel 1.
11
FFCAPA1
PPMU External Feed Forward Capacitor Pin A, Channel 1.
12
CMPL1
High Speed Comparator Low Output, Channel 1.
13
CMPL1
High Speed Comparator Low Output Complement, Channel 1.
14
VTTC1
Comparator Supply Termination, Channel 1.
15
CMPH1
High Speed Comparator High Output Complement, Channel 1.
16
CMPH1
High Speed Comparator High Output, Channel 1.
17
PGND
Power Ground.
18
VDD
VDD Supply.
19
VSS
VSS Supply.
20
PPMU_CMPH1
PPMU Go/No-Go Comparator High Output, Channel 1.
21
AGND
Analog Ground.
22
AGND
Analog Ground.
23
PPMU_CMPL1
PPMU Go/No-Go Comparator Low Output, Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com