Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 22 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 18Page - Analog Devices ADATE318 Datasheet HTML 19Page - Analog Devices ADATE318 Datasheet HTML 20Page - Analog Devices ADATE318 Datasheet HTML 21Page - Analog Devices ADATE318 Datasheet HTML 22Page - Analog Devices ADATE318 Datasheet HTML 23Page - Analog Devices ADATE318 Datasheet HTML 24Page - Analog Devices ADATE318 Datasheet HTML 25Page - Analog Devices ADATE318 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
ADATE318
Rev. 0 | Page 22 of 80
SPI TIMING DETAILS
SCLK
CS
SDI
A0
D15 D14
0
1
23
45
6789
10
11
24
25
0
1234567
D1
C1
C0
A6
A5
A4
A3
A2
A1
C1
C0
A6
A5
A4
A3
A2
A1
A0
C1
C0
A6
A5
A4
A3
A2
A1
C1
C0
A6
A4
A3
A2
A1
A0
D15 D14
D1
D0
D0
SDO
BUSY
tCH
tCL
tCSAS
tCSAH
tCSO
tDS
tDH
tDO
tCSAM
tCSRS
tCSRH
tCSZ
tBUSA
tBUSR
tBUSW
SEE TABLE 18
NOTE 1
NOTE 1
NOTES
1. IF THE SPI_SDO_HIZ CONTROL BIT (ADDR 0x12 [1]) IS HIGH, THE SDO PIN BECOMES ACTIVE
FOLLOWING THE ASSERTION OF CS. IT BECOMES HIGH-Z FOLLOWING RELEASE OF CS. IF THE
SPI_SDO_HIZ CONTROL BIT IS LOW, THE SDO PIN REMAINS ACTIVE INDEPENDENT OF CS.
R/W
R/W
Figure 2. SPI Detailed Read/Write Timing Diagram
SCLK
CS
SDI
SDO
BUSY
FROM PREVIOUS SPI INSTRUCTIONS (SEE TABLE 18)
SEE TABLE 18
CH[1:0]
W
ADDR[6:0]
DATA[15:0]
NOTE 1
NOTE 1
ACTIVE – OUTPUT IS THE PREVIOUS SPI WORD SHIFTED INTO SDI
NOTES
1. IF THE SPI_SDO_HIZ CONTROL BIT (ADDR 0x12 [1]) IS HIGH, THE SDO PIN BECOMES ACTIVE
FOLLOWING THE ASSERTION OF CS. IT BECOMES HIGH-Z FOLLOWING RELEASE OF CS. IF THE
SPI_SDO_HIZ CONTROL BIT IS LOW, THE SDO PIN REMAINS ACTIVE INDEPENDENT OF CS.
Figure 3. SPI Write Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com