Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 20 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 16Page - Analog Devices ADATE318 Datasheet HTML 17Page - Analog Devices ADATE318 Datasheet HTML 18Page - Analog Devices ADATE318 Datasheet HTML 19Page - Analog Devices ADATE318 Datasheet HTML 20Page - Analog Devices ADATE318 Datasheet HTML 21Page - Analog Devices ADATE318 Datasheet HTML 22Page - Analog Devices ADATE318 Datasheet HTML 23Page - Analog Devices ADATE318 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
ADATE318
Rev. 0 | Page 20 of 80
Table 11. VHH Driver (VHH Mode Enabled, RCV Active)
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
VHH BUFFER
VHH mode enabled, RCVx active
Voltage Range
0.0
13.5
V
D
Output High
13.5
V
P
VHH level = full scale, sourcing 15 mA
Output Low
5.9
V
P
VHH level = zero-scale, sinking 15 mA
Extrapolated Offset
−500
+500
mV
P
Extrapolated from measurements at DAC
Code 0x8000 (
+7 V) and DAC Code 0xC000
(
+12 V)
Extrapolated Offset Tempco
±0.5
mV/ºC
CT
Gain
2
2.2
V/V
P
Gain derived from measurements at DAC
Code 0x8000 (+7 V) and DAC Code 0xC000
(+12 V); based on ideal DAC transfer function
(see Table 21)
Gain Tempco
±25
ppm/ºC
CT
Resolution
305
μV
D
INL
−25
+25
mV
P
VHH mode enabled, RCVx active; after two
point gain/offset calibration; measured over
+5.9 V to +13.5 V; calibrate at Code 0x8000
(+7 V) and Code 0xC000 (+12 V)
DUTGND Voltage Accuracy
±4
mV
CT
Over ±0.1 V range; measured at end points of
VHH functional range
Output Resistance
10
Ω
P
ΔV/ΔI; VHH mode enabled, RCVx active;
Source: VHH = +10.0 V, I = 0 mA, +15 mA
Sink: VHH = +6.5 V, I = 0 mA, −15 mA
DC Output Current Limit Source
+60
+100
mA
P
VHH mode enabled, RCVx active; VHH = +13.5 V,
short HVOUT pin to +5.9 V, measure current
DC Output Current Limit Sink
−100
−60
mA
P
VHH mode enabled, RCVx active, VHH = 5.9 V,
short HVOUT pin to 13.5 V, measure current
VHH Rise Time
(from VIL or VIH to VHH)
163
ns
CB
20% to 80%, VHH mode enabled, toggle RCVx:
VHH = 13.5 V, VIL = 0.0 V, VIH = 3.0 V, DATx =
high; VHH = 13.5 V, VIL = 3.0 V, VIH = 4.0 V,
DATx = low
VHH Fall Time
(from VHH to VIL or VIH)
30
ns
CB
20% to 80%, VHH mode enabled, toggle RCVx;
VHH = 13.5 V, VIL = 0.0 V, VIH = 3.0 V, DATx =
high; VHH = 13.5 V, VIL = 3.0 V, VIH = 4.0 V,
DATx = low
Preshoot, Overshoot, and Undershoot
±40.0
mV
CB
VHH mode enabled, toggle RCVx; VHH =
13.5 V, VIL = 0.0 V, VIH = 3.0 V, DATx = high;
VHH = 13.5 V, VIL = 3.0 V, VIH = 4.0 V, DATx =
low
VIL/VIH DRIVE FUNCTION
VHH mode enabled, RCVx inactive
Voltage Range
−0.1
+6.5
V
D
Offset Voltage
−500
+500
mV
P
Measured at DAC Code 0x4000 (0 V), for DATx
= high and DATx = low
Offset Voltage Tempco
1
mV/ºC
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC
Code 0x4000 (0 V) and DAC Code 0xC000 (5 V);
based on ideal DAC transfer function (see
Table 21)
Gain Tempco
±75
ppm/ºC
CT
Resolution
153
μV
D
INL
−20
+20
mV
P
VHH mode enabled, RCVx inactive; after two
point gain/offset calibration; measured over
−0.1 V to
+6.0 V; calibrate at Code 0x4000 (0 V)
and Code 0xC000 (+5.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com