Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 14 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 10Page - Analog Devices ADATE318 Datasheet HTML 11Page - Analog Devices ADATE318 Datasheet HTML 12Page - Analog Devices ADATE318 Datasheet HTML 13Page - Analog Devices ADATE318 Datasheet HTML 14Page - Analog Devices ADATE318 Datasheet HTML 15Page - Analog Devices ADATE318 Datasheet HTML 16Page - Analog Devices ADATE318 Datasheet HTML 17Page - Analog Devices ADATE318 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
ADATE318
Rev. 0 | Page 14 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Gain
Range C
1.0
1.1
V/V
P
Gain derived from measurements at DAC
Code 0x4000 (0 V) and DAC Code 0xC000
(5 V); based on ideal DAC transfer function
(see Table 21 and Table 23).
All Ranges
1.05
V/V
CT
Gain derived from measurements at DAC
Code 0x4000 (0 V) and DAC Code 0xC000
(5 V); based on ideal DAC transfer function
(see Table 21 and Table 23).
Gain Tempco, All Ranges
±25
ppm/°C
CT
Gain derived from measurements at DAC
Code 0x4000 (0V) and DAC Code 0xC000
(5 V); calibration point 0x4000 (0 V) and
0xC000 (+5 V) output.
INL
Range A
±1
mV
CT
After two point gain/offset calibration, output
range of
−2.0 V to +5.75 V, PPMU Current
Range A only.
Range C
−1.7
+1.7
mV
P
After two point gain/offset calibration;
output range of
−2.0 V to +6.5 V.
Range B, Range D, and Range E
±1
mV
CT
After two point gain/offset calibration, output
range of
−2.0 V to +6.5 V.
Compliance vs. Current Load
Range A
±40
mV
CT
Force
−2.0 V; measure voltage while sinking
zero and full-scale current; measure
ΔV; force
+5.75 V; measure voltage while sourcing zero
and full-scale current; measure
ΔV.
±25
mV
CT
Force
−2.0 V; measure voltage while sinking
zero and 25 mA current; measure
ΔV; force
+6 V; measure voltage while sourcing zero
and 25 mA current; measure
ΔV.
Range B, Range C, Range D, and
Range E
±1
mV
CT
Force
−2.0 V; measure voltage while sinking
zero and full-scale current; measure
ΔV; force
+6.5 V; measure voltage while sourcing zero
and full-scale current; measure
ΔV.
Current Limit, Source and Sink
All Ranges
120
140
180
%FS
P
Sink: force
−2.0 V, short DUTx to +6.5 V;
source: force
+6.5 V, short DUTx to −2.0 V;
repeat for each current range; example:
Range A
FS = 40 mA,
120% FS = 48 mA
180% FS = 72 mA
DUTGND Voltage Accuracy
−7
±2
+7
mV
P
Over ±0.1 V range; measured at endpoints
of PPMU_VINFV functional range (see
Figure 136).
MEASURE CURRENT
PPMU enabled in FIMI, DCL disabled.
DUTx Pin Voltage Range at Full Current
Range A
−2.0
+5.75
V
D
Range B, Range C, Range D, and
Range E
−2.0
+6.5
V
D
Zero-Current Offset, Range B
−2
2
%FSR
P
Interpolated from measurements sourcing
and sinking 80% FSR current each range;
FSR = 80 mA for Range A, 2 mA for Range B,
200 μA for Range C, 20 μA for Range D, 4 μA
for Range E (see Table 21and Table 23).
All Ranges
±0.5
%FSR
CT
See Table 21and Table 23.
Zero-Current Offset Tempco, Range A
±0.001
%FSR/°C
CT
See Table 21 and Table 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com