Electronic Components Datasheet Search
  English  ▼

X  

ADATE318 Datasheet(PDF) 65 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 61Page - Analog Devices ADATE318 Datasheet HTML 62Page - Analog Devices ADATE318 Datasheet HTML 63Page - Analog Devices ADATE318 Datasheet HTML 64Page - Analog Devices ADATE318 Datasheet HTML 65Page - Analog Devices ADATE318 Datasheet HTML 66Page - Analog Devices ADATE318 Datasheet HTML 67Page - Analog Devices ADATE318 Datasheet HTML 68Page - Analog Devices ADATE318 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
ADATE318
Rev. 0 | Page 65 of 80
SPI
Address
(Channel)
DAC
Name
Functional (DAC
Usage) Description
m-
register
c-
register
VHH_
ENABLE
0x18[0]
DMC_
ENABLE
0x1C[0]
LOAD_
ENABLEx
0x19[5]
PPMU_
POWERx
0x1A[15]
PPMU_
MEAS_
VIx
0x1A[5]
PPMU_FORCE
_VIx 0x1A[4]
PPMU_
RANGEx
(0x1A[3:1])
0x05[0]
VOL0
NWC low level,
Channel 0
0x25[0]
0x35[0]
X
0
X
0
X
X
XXX
DMC low level
0x4B[0]
0x63[0]
X
1
X
0
X
X
XXX
PPMU go/no-go MV low
level, Channel 0
0x4C[0]
0x64[0]
X
X
X
1
0
X
XXX
PPMU go/no-go MI
Range A low level,
Channel 0
0x4D[0]
0x65[0]
X
X
X
1
1
X
111
PPMU go/no-go MI
Range B low level,
Channel 0
0x4E[0]
0x65[0]
X
X
X
1
1
X
110
PPMU go/no-go MI
Range C low level,
Channel 0
0x4F[0]
0x65[0]
X
X
X
1
1
X
101
PPMU go/no-go MI
Range D low level,
Channel 0
0x50[0]
0x65[0]
X
X
X
1
1
X
100
PPMU go/no-go MI
Range E low level,
Channel 0
0x51[0]
0x65[0]
X
X
X
1
1
X
0XX
0x08[0]
VIOH0
Load IOH level,
Channel 0
0x28[0]
0x38[0]
X
X
X
X
X
X
XXX
0x09[0]
VIOL0
Load IOL level,
Channel 0
0x29[0]
0x39[0]
X
X
X
X
X
X
XXX
0x02[0]
VIT0/
VCOM0
Drive term level,
Channel 0
0x22[0]
0x32[0]
X
X
0
X
X
X
XXX
Load commutation
voltage, Channel 0
0x42[0]
0x5A[0]
X
X
1
X
X
X
XXX
0x01[0]
VIH0
Drive high level,
Channel 0
0x21[0]
0x31[0]
0
X
X
X
X
X
XXX
HVOUT drive high level,
Channel 0
0x41[0]
0x59[0]
1
X
X
X
X
X
XXX
0x03[0]
VIL0
Drive low level,
Channel 0
0x23[0]
0x33[0]
0
X
X
X
X
X
XXX
HVOUT drive low level,
Channel 0
0x43[0]
0x5B[0]
1
X
X
X
X
X
XXX
0x06[0]
VCH0
Ref clamp high level,
Channel 0
0x26[0]
0x36[0]
X
X
X
0
X
X
XXX
PPMU clamp high level,
Channel 0
0x52[0]
0x6A[0]
X
X
X
1
X
X
XXX
0x07[0]
VCL0
Ref clamp low level,
Channel 0
0x27[0]
0x37[0]
X
X
X
0
X
X
XXX
PPMU clamp low level,
Channel 0
0x53[0]
0x6B[0]
X
X
X
1
X
X
XXX
0x0A[0]
PPMU0
PPMU VIN FV level,
Channel 0
0x2A[0]
0x3A[0]
X
X
X
X
X
0
XXX
PPMU VIN FI Range A
level, Channel 0
0x54[0]
0x6C[0]
X
X
X
X
X
1
111
PPMU VIN FI Range B
level, Channel 0
0x55[0]
0x6C[0]
X
X
X
X
X
1
110
PPMU VIN FI Range C
level, Channel 0
0x56[0]
0x6C[0]
X
X
X
X
X
1
101
PPMU VIN FI Range D
Level, Channel 0
0x57[0]
0x6C[0]
X
X
X
X
X
1
100
PPMU VIN FI Range E
level, Channel 0
0x58[0]
0x6C[0]
X
X
X
X
X
1
0XX
0x0B[0]
VHH
VHH level
0x2B[0]
0x3B[0]
X
X
X
X
X
X
XXX
0x0C[0]
OVDH
Overvoltage detect
high
0x2C[0]
0x3C[0]
X
X
X
X
X
X
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com