Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 25Page - Texas Instruments TPS62361BYZHT Datasheet HTML 26Page - Texas Instruments TPS62361BYZHT Datasheet HTML 27Page - Texas Instruments TPS62361BYZHT Datasheet HTML 28Page - Texas Instruments TPS62361BYZHT Datasheet HTML 29Page - Texas Instruments TPS62361BYZHT Datasheet HTML 30Page - Texas Instruments TPS62361BYZHT Datasheet HTML 31Page - Texas Instruments TPS62361BYZHT Datasheet HTML 32Page - Texas Instruments TPS62361BYZHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
START or
repeated START
Condition
Clock Line Held Low While
Interrupts are Serviced
S
Sr
or
SCL
1
2
ACK
7
9
8
1
2-8
9
ACK
Recognize START or
repeated START
Condition
Acknowledgment
Signal From Slave
SDA
Generate ACKNOWLEDGE
Signal
repeated START
or STOP
Condition
Sr
P
or
P
Sr
Recognize
repeated START
or STOP
Condition
Address
S
Register Address
A
Data
A
P
8
8
1
1
1
From TPS6236x to Master
From Master to TPS6236x
A
S
Sr
P
=
=
=
=
Acknowledge
START condition
REPEATED START condition
STOP condition
Slave Address
R/W
A
7
1
1
1
Slave Address
“0” Write
“0” Write
“1” Read
S
Slave Address
R/W
A
Register Address
A
Sr
Slave Address
R/W
A
Data
A
P
8
7
8
7
1
1
1
1
1
1
1
1
From TPS6236x to Master
From Master to TPS6236x
A
S
Sr
P
=
=
=
=
Acknowledge
START condition
REPEATED START condition
STOP condition
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
Figure 44. Bus Protocol
HS-Mode Protocol
When the bus is idle, both SDA and SCL lines are pulled high by the pull-up devices.
The master generates a start condition followed by a valid serial byte containing HS master code 00001XXX.
This transmission is made in F/S-mode at no more than 400 Kbps. No device is allowed to acknowledge the HS
master code, but all devices must recognize it and switch their internal setting to support 3.4 Mbps operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S-mode, except that transmission
speeds up to 3.4 Mbps are allowed. A stop condition ends the HS-mode and switches all the internal settings of
the slave devices to support the F/S-mode. Instead of using a stop condition, repeated start conditions should be
used to secure the bus in HS-mode.
Attempting to read data from register addresses not listed in this section will result in 00h being read out.
I
2C UPDATE SEQUENCE
The TPS6236x requires a start condition, a valid I2C address, a register address byte, and a data byte for a
single update. After the receipt of each byte, the TPS6236x device acknowledges by pulling the SDA line low
during the high period of a single clock pulse. A valid I2C address selects the TPS6236x. The TPS6236x
performs an update on the falling edge of the acknowledge signal that follows the LSB byte.
Figure 45. Write Data Transfer Format in F/S-Mode
Figure 46. Read Data Transfer Format in F/S-Mode
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com