Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 16Page - Texas Instruments TPS62361BYZHT Datasheet HTML 17Page - Texas Instruments TPS62361BYZHT Datasheet HTML 18Page - Texas Instruments TPS62361BYZHT Datasheet HTML 19Page - Texas Instruments TPS62361BYZHT Datasheet HTML 20Page - Texas Instruments TPS62361BYZHT Datasheet HTML 21Page - Texas Instruments TPS62361BYZHT Datasheet HTML 22Page - Texas Instruments TPS62361BYZHT Datasheet HTML 23Page - Texas Instruments TPS62361BYZHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
TPS6236x
PGND
PGND
PGND
AGND
SW
SW
C
4
C
2
SENSE-
SENSE+
VIN
SCL
SDA
VSEL0
VSEL1
EN
AVIN
VDD
L
C
1
V
DD
V
IN
C
3
V
OUT
TPS62360, TPS62361B, TPS62362
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
TPS6236x
3A Processor Supply with I2C
Texas Instruments
Compatible Interface and Remote
Sense
L
1
μH, 4 mm x 4 mm x 2.1 mm
Coilcraft (XFL4020-102ME1.0)
C2, C4
10
μF, Ceramic, 6.3V, X5R
Murata (GRM188R60J106ME84D)
C1, C3
0.1
μF, Ceramic, 10V, X5R
Standard
20
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com