Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62361BYZHT Datasheet HTML 1Page - Texas Instruments TPS62361BYZHT Datasheet HTML 2Page - Texas Instruments TPS62361BYZHT Datasheet HTML 3Page - Texas Instruments TPS62361BYZHT Datasheet HTML 4Page - Texas Instruments TPS62361BYZHT Datasheet HTML 5Page - Texas Instruments TPS62361BYZHT Datasheet HTML 6Page - Texas Instruments TPS62361BYZHT Datasheet HTML 7Page - Texas Instruments TPS62361BYZHT Datasheet HTML 8Page - Texas Instruments TPS62361BYZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
TPS6236x
PGND
PGND
PGND
AGND
SW
SW
CPU
10µF
0.1µF
SENSE-
SENSE+
VIN
SCL
SDA
VSEL0
VSEL1
EN
AVIN
VDD
2.5V .. 5.5V
0.77V .. 1.4V (
0.5
TPS62360/62)
V .. 1.77V (TPS62361B)
1µH
10µF
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
3A Processor Supply with I2C Compatible Interface and Remote Sense
Check for Samples: TPS62360, TPS62361B, TPS62362
1
FEATURES
DESCRIPTION
The TPS6236x are a family of high-frequency
2
•
3A Peak Output Current
synchronous step down dc-dc converter optimized for
•
Highest Efficiency:
battery-powered portable applications for a small
– Low RDS,on Switch and Active Rectifier
solution size. With an input voltage range of 2.5V to
5.5V, common battery technologies are supported.
– Power Save Mode for Light Loads
The device provides up to 3A peak load current,
•
I2C High Speed Compatible Interface
operating at 2.5MHz typical switching frequency.
•
Programmable Output Voltage for Digital
The devices convert to an output voltage range of
Voltage Scaling
0.77V to 1.4V (TPS62360/62) and 0.5V to 1.77V
– TPS62360/62: 0.77V to 1.4V, 10mV Steps
(TPS62361B), programmable via I2C interface in
– TPS62361B: 0.5V to 1.77V, 10mV Steps
10mV steps. Dedicated inputs allow fast voltage
transition
to
address
processor
performance
•
Excellent DC/AC Output Voltage Regulation
operating points.
– Differential Load Sensing
The TPS6236x supports low-voltage DSPs and
– Precise DC Output Voltage Accuracy
processor cores in smart-phones and handheld
– DCS-Control™ Architecture for Fast and
computers including latest submicron processes.
Precise Transient Regulation
Dedicated
hardware
input
pins
allow
simple
transitions to performance operating points and
•
Multiple Robust Operation/Protection
retention modes of processors.
Features:
– Soft Start
The devices focus on a high output voltage accuracy.
The differential sensing and the DCS-Control
™
– Programmable Slew Rate at Voltage
architecture achieve precise static and dynamic,
Transition
transient output voltage regulation.
– Over Temperature Protection
The TPS6236x devices offer high efficiency step
– Input Under Voltage Detection and Lockout
down conversion. The area of highest efficiency is
•
Available in 16-Bump, 2mm x 2mm NanoFree
™
extended towards low output currents to increase the
Package
efficiency while the processor is operating in retention
mode, as well as towards highest output currents
•
Low External Device Count: 27.5 mm2 Solution
increasing the battery on-time.
Size
The robust architecture and multiple safety features
APPLICATIONS
allow perfect system integration.
•
Dynamic Voltage Scale Compliant Processors
The 2mm x 2mm package and the low number of
and DSPs, Memory
required external components lead to a tiny solution
size of approximately 27.5 mm2.
•
SmartReflex
™ Compliant Power Supply
•
Cell Phones, Smart Phones, Feature Phones
•
Tablets, Netbooks, Clamshells
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DCS-Control, NanoFree, SmartReflex are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62361BYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62361BYZHT TI1-TPS62361BYZHT Datasheet
1Mb / 51P
Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62361BYZHT TI1-TPS62361BYZHT Datasheet
1Mb / 53P
3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62361BYZHT TI1-TPS62361BYZHT Datasheet
1Mb / 56P
3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62361BYZHT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
Texas Instruments
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
3A Processor Supply with I2C Compatible Interface and Remote Sense
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
Texas Instruments
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
3A Processor Supply with I2C Compatible Interface and Remote Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com