Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 26Page - Texas Instruments TPS62361BYZHT Datasheet HTML 27Page - Texas Instruments TPS62361BYZHT Datasheet HTML 28Page - Texas Instruments TPS62361BYZHT Datasheet HTML 29Page - Texas Instruments TPS62361BYZHT Datasheet HTML 30Page - Texas Instruments TPS62361BYZHT Datasheet HTML 31Page - Texas Instruments TPS62361BYZHT Datasheet HTML 32Page - Texas Instruments TPS62361BYZHT Datasheet HTML 33Page - Texas Instruments TPS62361BYZHT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
S
HS-Master Code
A
Sr
Register Address
A
Data
A/A
P
8
8
8
1
1
1
1
1
From TPS6236x to Master
From Master to TPS6236x
A
A
S
Sr
P
=
=
=
=
=
Acknowledge
Acknowledge
START condition
REPEATED START condition
STOP condition
Slave Address
R/W
A
7
1
1
1
F/S Mode
H/S Mode
F/S Mode
Sr
Slave Address
Sr
Slave Address
H/S Mode continues
Data Transferred
(n x Bytes + Acknowledge)
TPS62360, TPS62361B, TPS62362
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
Figure 47. Data Transfer Format in H/S-Mode
Slave Address Byte
MSB
LSB
X
X
X
X
X
X
A1
A0
The slave address byte is the first byte received following the START condition from the master device.
Register Address Byte
MSB
LSB
0
0
0
0
0
D2
D1
D0
Following the successful acknowledgment of the slave address, the bus master will send a byte to the
TPS6236x, which will contain the address of the register to be accessed.
I
2C REGISTER RESET
The I2C registers can be reset by pulling VDD to GND. Refer to the Input Under Voltage Protection section for
details.
PULL DOWN RESISTORS
The EN, VSEL0 and VSEL1 inputs feature internal pull down resistors to discharge the potential if one of the pins
is not connected or is triggered by a high impedance source.
To achieve lowest possible quiescent current, the pull down resistors can be disabled individually at EN, VSEL0
and VSEL1 by I2C programming the registers PD_EN, PD_VSEL0 and PD_VSEL1.
By default, the pull down resistors are enabled.
INPUT CAPACITOR SELECTION
The input capacitor is required to buffer the pulsing current drawn by the device at VIN and reducing the input
voltage ripple. The pulsing current is originated by the operation principles of a step down converter.
Low ESR input capacitors are required for best input voltage filtering and minimal interference with other system
components. For best performance, ceramic capacitors with a low ESR at the switching frequency are
recommended. X7R or X5R type capacitors should be used.
A ceramic input capacitor in the nominal range of CIN = 4.7µF to 22µF should be a good choice for most
application scenarios. In general, there is no upper limit for increasing the input capacitor.
For typical operation, a 10
µF X5R type capacitor is recommended. Table 7 shows a list of recommended
capacitors.
30
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com