Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 18Page - Texas Instruments TPS62361BYZHT Datasheet HTML 19Page - Texas Instruments TPS62361BYZHT Datasheet HTML 20Page - Texas Instruments TPS62361BYZHT Datasheet HTML 21Page - Texas Instruments TPS62361BYZHT Datasheet HTML 22Page - Texas Instruments TPS62361BYZHT Datasheet HTML 23Page - Texas Instruments TPS62361BYZHT Datasheet HTML 24Page - Texas Instruments TPS62361BYZHT Datasheet HTML 25Page - Texas Instruments TPS62361BYZHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
TPS62360, TPS62361B, TPS62362
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
The I2C interface is operable when VDD and AVIN are present, regardless of the state of the EN pin.
If the device is disabled by pulling the EN to a logic low, the output capacitor can actively be discharged. Per
default, this feature is disabled. Programming the EN_DISC bit to a logic high will discharge the output capacitor
via a typ. 300
Ω path on the SENSE+ pin.
SOFT START
The device incorporates an internal soft start circuitry that controls the ramp up of the output voltage after
enabling the device. This circuitry eliminates inrush current to avoid excessive voltage drops of primary cells and
rechargeable batteries with high internal impedance.
During soft start, the output voltage is monotonically ramped up to the minimum programmable output voltage.
After reaching this threshold, the output voltage is further increased following the slope as programmed in the
ramp rate settings (see RAMP RATE CONTROLLING) until reaching the programmed output voltage. Once the
nominal voltage is reached, regular operation as described above will continue.
The device is able to start into a pre biased output capacitor as well.
PROGRAMMING THE OUTPUT
The TPS6236x devices offer four similar registers to program the output. Two dedicated hardware input pins,
VSEL0 and VSEL1, are implemented for choosing the active register. The logic state of VSEL0 and VSEL1
select the register whose settings are present at the output. The VSEL0 and VSEL1 pins must be terminated
unless the internal pull-down resistors are activated.
The registers have a certain initial default value (see Table 2) and can be readjusted via I2C during operation.
This allows a simple transition between several output options by triggering the dedicated input pins. At the same
time since the presets can be readjusted during operation, this offers highest flexibility.
Table 2. Output Presets
DEFAULT OPERATION
INPUT PINS
DEFAULT OUTPUT VOLTAGE [V]
MODE
PRESET
I2C REGISTER
TPS62360, TPS62361B,
VSEL1
VSEL0
TPS62360
TPS62361B
TPS62362
TPS62362
0
0
SET0
0x00h
– see Table 12,
Power Save Mode
1.40
0.96
1.23
Table 13 and Table 14
0
1
SET1
0x01h
– see Table 15,
Power Save Mode
1.00
1.40
1.00
Table 16 and Table 17
1
0
SET2
0x02h
– see Table 18,
Power Save Mode
1.40
1.16
1.20
Table 19 and Table 20
1
1
SET3
0x03h
– see Table 21,
Power Save Mode
1.10
1.16
1.10
Table 22 and Table 23
Via the I2C interface and/or the four preset options, the following output parameters can be changed:
•
Output voltage from 0.77 V to 1.4 V (TPS62360/62) and 0.5V to 1.77V (TPS62361B) with 10 mV granularity
•
Mode of operation: Power Save Mode or forced PWM mode
The slope for transition between different output voltages (Ramp Rate) can be changed via I2C as well. The
slope applies for all presets globally. See RAMP RATE CONTROLLING for further details.
Since the output parameters can be changed by dedicated pins for selecting presets and by I2C, the following
use scenarios are feasible:
•
Control the device via dedicated pins only, after programming the presets, to choose and change within the
programmed settings
•
Program via I2C only. The dedicated input pins have fixed connections. Changes are conducted by changing
the preset values of the active register.
•
Dedicated input pins and I2C mixed operation. The non active presets might be changed. The dedicated input
pins are used for the transition to the new output condition. Changes within an active preset via I2C are
feasible as well.
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com