Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 41Page - Texas Instruments TPS62361BYZHT Datasheet HTML 42Page - Texas Instruments TPS62361BYZHT Datasheet HTML 43Page - Texas Instruments TPS62361BYZHT Datasheet HTML 44Page - Texas Instruments TPS62361BYZHT Datasheet HTML 45Page - Texas Instruments TPS62361BYZHT Datasheet HTML 46Page - Texas Instruments TPS62361BYZHT Datasheet HTML 47Page - Texas Instruments TPS62361BYZHT Datasheet HTML 48Page - Texas Instruments TPS62361BYZHT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
Register 0x08h, 0x09h Description Chip_ID:
Table 28. TPS6236x Register 0x08h and 0x09h Description
REGISTER ADDRESS: 0x08h, 0x09 Read
BIT
NAME
DEFAULT
DESCRIPTION
D7
MSB
1
D6
0
Vendor ID
D5
0
D4
0
D3
x
D3-D2
Part number ID
00
TPS62360
01
TPS62361B
D2
x
10
TPS62362
D1
x
D1-D0
Chip revision ID
00
Rev. 1
01
Rev. 2
D0
x
10
Rev. 3
11
Rev. 4
LSB
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com