Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 22Page - Texas Instruments TPS62361BYZHT Datasheet HTML 23Page - Texas Instruments TPS62361BYZHT Datasheet HTML 24Page - Texas Instruments TPS62361BYZHT Datasheet HTML 25Page - Texas Instruments TPS62361BYZHT Datasheet HTML 26Page - Texas Instruments TPS62361BYZHT Datasheet HTML 27Page - Texas Instruments TPS62361BYZHT Datasheet HTML 28Page - Texas Instruments TPS62361BYZHT Datasheet HTML 29Page - Texas Instruments TPS62361BYZHT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Device
Shutdown
Register Reset,
I C I/F disabled
2
AVIN
VIN
VDD
VDD
Under Voltage?
AVIN
Under Voltage?
external low
ohmic connection
TPS62360, TPS62361B, TPS62362
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
The Early Warning Monitoring Feature monitors the device temperature and provides the host an indication that
the die temperature is in the higher range. If the device's junction temperature, TJ, exceeds 120°C typical, the
TJEW bit is set high. To avoid the thermal shutdown being triggered, the current drawn from the TPS6236x
should be reduced at this early stage.
The Over Temperature Protection feature disables the device if the temperature increases due to heavy load
and/or high ambient temperature. It monitors the device die temperature and, if required, triggers the device into
shutdown until the die temperature falls sufficiently.
If the junction temperature, TJ, exceeds 150°C typical, the device goes into thermal shutdown. In this mode, the
power stage is turned off. During thermal shutdown, the I2C interface remains operable. All register values are
kept.
For the thermal shutdown, a hysteresis of 20
°C typical is implemented allowing the device to cool after the
shutdown is triggered. Once the junction temperature TJ cools down to 130°C typical, the device resumes
operation.
If a thermal shutdown has occurred, the TJTS bit is latched and remains a logic high as long as VDD and AVIN
are present and until the bit is reset by the host.
Input Under Voltage Protection
The input under voltage protection is implemented in order to prevent operation of the device for low input
voltage conditions. If the device is enabled, it prevents the device from switching if AVIN falls below the under
voltage lockout threshold. If the AVIN under voltage protection threshold is tripped, the device will go into under
voltage shutdown instantaneously, turning the power stage off and resetting all internal registers. The input under
voltage protection is also implemented on the VDD input. If the VDD under voltage protection threshold is
tripped, the device will reset all internal registers.
A under voltage lockout hysteresis of VUVLO,HYST(AVIN) at AVIN and VUVLO,HYST(VDD) at VDD is implemented.
The I2C compatible interface remains fully functional if AVIN and VDD are present. If the under voltage lockout of
AVIN or VDD is triggered during operation, all internal registers are reset to their default values. Figure 40 shows
the UVLO block diagram.
Figure 40. UVLO State Chart
By connecting VIN and AVIN to the same potential, VIN is included in the under voltage monitoring. If a low pass
input filter is applied at AVIN (not mandatory for the TPS6236x), the delay and shift in the voltage level can be
calculated by taking the typical quiescent current IQ at AVIN. As an example, for IQ and 10Ω series resistance,
this results in a minimal static shift of approx. 560
µV.
VIN and AVIN must be connected to the same source for proper device operation.
26
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com