Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 15Page - Texas Instruments TPS62361BYZHT Datasheet HTML 16Page - Texas Instruments TPS62361BYZHT Datasheet HTML 17Page - Texas Instruments TPS62361BYZHT Datasheet HTML 18Page - Texas Instruments TPS62361BYZHT Datasheet HTML 19Page - Texas Instruments TPS62361BYZHT Datasheet HTML 20Page - Texas Instruments TPS62361BYZHT Datasheet HTML 21Page - Texas Instruments TPS62361BYZHT Datasheet HTML 22Page - Texas Instruments TPS62361BYZHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
TA = −40°C, Forced PWM
TA = 25°C, Forced PWM
TA = 125°C, Forced PWM
TPS6236x
MODE0 = 1 (Forced PWM)
EN = HIGH
G036
0.1
1
10
100
1000
10000
0.1
1
10
100
1000 3000
Output Current (mA)
Auto PFM/PWM
Forced PWM
TPS6236x
VOUT = 1.2V
VIN = 3.6V
G037
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
High Side PMOS Current Limit
Low Side NMOS Current Limit
Negative NMOS Current Limit
TPS6236x
TA = 25°C
G038
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
QUIESCENT CURRENT
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 35.
Figure 36.
FET CURRENT LIMIT
vs
INPUT VOLTAGE
Figure 37.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com