Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 4Page - Texas Instruments TPS62361BYZHT Datasheet HTML 5Page - Texas Instruments TPS62361BYZHT Datasheet HTML 6Page - Texas Instruments TPS62361BYZHT Datasheet HTML 7Page - Texas Instruments TPS62361BYZHT Datasheet HTML 8Page - Texas Instruments TPS62361BYZHT Datasheet HTML 9Page - Texas Instruments TPS62361BYZHT Datasheet HTML 10Page - Texas Instruments TPS62361BYZHT Datasheet HTML 11Page - Texas Instruments TPS62361BYZHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
A4
B4
C4
D4
(TOP VIEW)
(BOTTOM VIEW)
AVIN
EN
AGND
VDD
SCL
SDA
VSEL0
VSEL1
SW
SW
SENSE+
SENSE-
VIN
PGND
PGND
PGND
A4
B4
C4
D4
A3
B3
C3
D3
A2
B2
C2
D2
A1
B1
C1
D1
TPS62360, TPS62361B, TPS62362
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
AVIN
A1
I
Analog Supply Voltage Input.
AGND
A2
–
Analog Ground Connection.
EN
B2
I
Device Enable Logic Input. Logic HIGH enables the device, logic LOW disables the device and turns it into
shutdown. The pin must be terminated to either HIGH or LOW if the internal pull down resistor is deactivated.
VDD
D1
I
I2C Logic and Registers supply voltage. For resetting the internal registers, this connection must be pulled below
its UVLO level.
SCL
D3
I/O
I2C clock signal.
SDA
D2
I/O
I2C data signal.
VSEL0
C2
I
Output Settings Selection Logic Inputs. Predefined register settings can be chosen for setting output voltage and
mode. The pins must be terminated to logic HIGH or LOW if the internal pull down resistors are deactivated.
VSEL1
A3
I
B3
–
SW
Inductor connection
B4
SENSE+
B1
I
Positive Output Voltage Remote Sense. Must be connected closest to the load supply node.
SENSE
–
C1
I
Negative Output Voltage Remote Sense. Must be connected closest to the load ground node.
VIN
A4
I
Power Supply Voltage Input.
C3
–
PGND
C4
Power Ground Connection.
D4
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com