Electronic Components Datasheet Search
  English  ▼

X  

TPS62361BYZHT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62361BYZHT
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62361BYZHT Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS62361BYZHT Datasheet HTML 29Page - Texas Instruments TPS62361BYZHT Datasheet HTML 30Page - Texas Instruments TPS62361BYZHT Datasheet HTML 31Page - Texas Instruments TPS62361BYZHT Datasheet HTML 32Page - Texas Instruments TPS62361BYZHT Datasheet HTML 33Page - Texas Instruments TPS62361BYZHT Datasheet HTML 34Page - Texas Instruments TPS62361BYZHT Datasheet HTML 35Page - Texas Instruments TPS62361BYZHT Datasheet HTML 36Page - Texas Instruments TPS62361BYZHT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AVIN
VOUT
VDD
VIN
AGND
PGND
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9A
– MAY 2011 – REVISED AUGUST 2011
The TI reliability requirement for the silicon chip's life time (100K Power-On-Hours at TJ = 105°C) is affected by
the junction temperature and the continuously drawn current at the VIN pin and the SW pins. In order to be
consistent with the TI reliability requirement for the silicon chips (100000 Power-On-Hours at TJ = 105°C), the
VIN pin current should not continuously exceed 1275mA and the SW pins current should not continuously
exceed 2550mA so as to prevent electromigration failure in the solder bump. Drawing 1150mA at VIN would, as
an example, be the case for typically IOUT = 2350mA, VOUT = 1.5V and VIN = 3.6V.
Exceeding the VIN pin / SW pins current rating might affect the device reliability. As an example, drawing current
peaks IOUT = 3000mA with up to 10% of the application time over a base continuous output current IOUT =
2000mA might reduce the Power-on-Hours to 90000 hours for conditions such as VIN = 2.7V, VOUT = 1.5V, TJ =
105
°C. In this example, exceeding TJ = 105°C in combination with a higher peak output current duty cycle clearly
further affects the device life time.
For more details on how to use the thermal parameters, see the application notes: Thermal Characteristics
Application Note (SZZA017), and IC Package Thermal Metrics Application Note (SPRA953).
PCB LAYOUT CONSIDERATIONS
The PCB layout is an important step to maintain the high performance of the TPS6236x. Both the high current
and the fast switching nodes demands full attention to the PCB layout.
The input / output capacitors and the inductor should be placed as close as possible to the IC. This keeps the
traces short. Routing these traces direct and wide results in low trace resistance and low parasitic inductance. A
common power GND should be used. The low side of the input and output capacitors must be connected to the
power GND, as well as the PGND node. AGND and PGND should be connected close to the IC but at a single
place.
The sense traces connected to SENSE+ and SENSE- are signal traces. Special care should be taken to avoid
noise being induced. By a direct routing, parasitic inductance can be kept small. GND layers might be used for
shielding if the parasitic capacitance can be kept small. Routing the SENSE+ and SENSE- close to each other
minimizes inductive noise injection. Keep these traces away from switching nodes and swiftly alternating signal
lines such as the I2C bus.
Improper layout might show the symptoms of poor line or load regulation, ground and output voltage shifts,
stability issues or unsatisfying EMI behavior.
See Figure 48 for the recommended layout.
Figure 48. Layout Suggestion (top view). Overall Solution Size: 27.5mm2
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com