Electronic Components Datasheet Search
  English  ▼

X  

AM3871 Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 202 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 198Page - Texas Instruments AM3871 Datasheet HTML 199Page - Texas Instruments AM3871 Datasheet HTML 200Page - Texas Instruments AM3871 Datasheet HTML 201Page - Texas Instruments AM3871 Datasheet HTML 202Page - Texas Instruments AM3871 Datasheet HTML 203Page - Texas Instruments AM3871 Datasheet HTML 204Page - Texas Instruments AM3871 Datasheet HTML 205Page - Texas Instruments AM3871 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
8.1.3
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data manual do not include delays by board routings. As a
good board design practice, such delays must always be taken into account. Timing values may be
adjusted by increasing/decreasing such delays. TI recommends utilizing the available I/O buffer
information specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS
models to attain accurate timing analysis for a given system, see the Using IBIS Models for Timing
Analysis application report (Literature Number: SPRA839). If needed, external logic hardware such as
buffers may be used to compensate any timing differences.
8.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
8.3
Controller Area Network Interface (DCAN)
The device provides two DCAN interfaces for supporting distributed realtime control with a high level of
security. The DCAN interfaces implement the following features:
•
Supports CAN protocol version 2.0 part A, B
•
Bit rates up to 1 MBit/s
•
64 message objects
•
Individual identifier mask for each message object
•
Programmable FIFO mode for message objects
•
Programmable loop-back modes for self-test operation
•
Suspend mode for debug support
•
Software module reset
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM parity check mechanism
•
Direct access to Message RAM during test mode
•
CAN Rx/Tx pins are configurable as general-purpose IO pins
•
Two interrupt lines (plus additional parity-error interrupts line)
•
RAM initialization
•
DMA support
For more detailed information on the DCAN peripheral, see the DCAN Controller Area Network chapter of
the AM387x Sitara ARM Microprocessors (MPUs) Technical Reference Manual (Literature Number:
SPRUGZ7).
8.3.1
DCAN Peripheral Register Description(s)
202
Peripheral Information and Timings
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com