| Electronic Components Datasheet Search |
|
AM3871 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3871 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 345 page ![]() AM3874, AM3872, AM3871 SPRS695 – SEPTEMBER 2011 www.ti.com Table 3-5. LPDDR/DDR2/DDR3 Memory Controller 1 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. DDR[1] On-Die Termination for Chip Select 1. IPD/DIS DDR[1]_ODT[1] F11 O The internal pulldown (IPD) is enabled for this pin when the device is DVDD_DDR[1] in reset and the IPD is disabled (DIS) when reset is released. DDR[1] Reset output. IPD/DIS DDR[1]_RST G10 O The internal pulldown (IPD) is enabled for this pin when the device is DVDD_DDR[1] in reset and the IPD is disabled (DIS) when reset is released. IPU/DIS DDR[1]_BA[2] D12 O DVDD_DDR[1] DDR[1] Bank Address outputs IPU/DIS DDR[1]_BA[1] A10 O The internal pullup (IPU) is enabled for these pins when the device is DVDD_DDR[1] in reset and the IPU is disabled (DIS) when reset is released. IPU/DIS DDR[1]_BA[0] F14 O DVDD_DDR[1] IPU/DIS DDR[1]_A[14] D11 O DVDD_DDR[1] IPU/DIS DDR[1]_A[13] E11 O DVDD_DDR[1] IPU/DIS DDR[1]_A[12] B10 O DVDD_DDR[1] IPU/DIS DDR[1]_A[11] A11 O DVDD_DDR[1] IPU/DIS DDR[1]_A[10] F12 O DVDD_DDR[1] IPU/DIS DDR[1]_A[9] C14 O DVDD_DDR[1] IPU/DIS DDR[1]_A[8] E14 O DVDD_DDR[1] DDR[1] Address Bus IPU/DIS DDR[1]_A[7] A9 O The internal pullup (IPU) is enabled for these pins when the device is DVDD_DDR[1] in reset and the IPU is disabled (DIS) when reset is released. IPU/DIS DDR[1]_A[6] D14 O DVDD_DDR[1] IPU/DIS DDR[1]_A[5] B12 O DVDD_DDR[1] IPU/DIS DDR[1]_A[4] B14 O DVDD_DDR[1] IPU/DIS DDR[1]_A[3] A14 O DVDD_DDR[1] IPU/DIS DDR[1]_A[2] C11 O DVDD_DDR[1] IPU/DIS DDR[1]_A[1] F10 O DVDD_DDR[1] IPU/DIS DDR[1]_A[0] B11 O DVDD_DDR[1] 42 Device Pins Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |